| Electronic Components Datasheet Search |
|
SH7641 Datasheet(PDF) 32 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7641 Datasheet(HTML) 32 Page - Renesas Technology Corp |
|
32 / 1036 page ![]() Rev. 4.00 Sep. 14, 2005 Page xxxii of l Figure 12.28 Single Write Timing (Bank Active, Different Row Addresses in the Same Bank) ................................ 364 Figure 12.29 Auto-Refresh Timing ............................................................................................ 366 Figure 12.30 Self-Refresh Timing..............................................................................................367 Figure 12.31 Low-Frequency Mode Access Timing .................................................................. 369 Figure 12.32 Power-Down Mode Access Timing ...................................................................... 370 Figure 12.33 Synchronous DRAM Mode Write Timing (Based on JEDEC)............................. 373 Figure 12.34 EMRS Command Issue Timing............................................................................. 374 Figure 12.35 Deep Power-Down Mode Transition Timing........................................................ 375 Figure 12.36 Burst ROM Access Timing (Clock Asynchronous) (Bus Width = 32 Bits, 16-Byte Transfer (Number of Burst 4), Wait Cycles Inserted in First Access = 2, Wait Cycles Inserted in Second and Subsequent Accesses = 1)..................................................................................... 377 Figure 12.37 Byte-Selection RAM Basic Access Timing (BAS = 0)......................................... 378 Figure 12.38 Byte-Selection RAM Basic Access Timing (BAS = 1)......................................... 379 Figure 12.39 Byte-Selection SRAM Wait Timing (BAS = 1) (SW[1:0] = 01, WR[3:0] = 0001, HW[1:0] = 01) .......................................................................... 380 Figure 12.40 Example of Connection with 32-Bit Data-Width Byte-Selection SRAM ............. 381 Figure 12.41 Example of Connection with 16-Bit Data-Width Byte-Selection SRAM ............. 381 Figure 12.42 Burst MPX Device Connection Example.............................................................. 382 Figure 12.43 Burst MPX Space Access Timing (Single Read, No Wait, or Software Wait 1) .. 383 Figure 12.44 Burst MPX Space Access Timing (Single Write, Software Wait 1, Hardware Wait 1) .............................................. 384 Figure 12.45 Burst MPX Space Access Timing (Burst Read, No Wait, or Software Wait 1, CS6BWCR.MPXMD = 0) .................................................................................... 385 Figure 12.46 Burst MPX Space Access Timing (Burst Write, No Wait, CS6BWCR.MPXMD = 0) .................................................................................... 386 Figure 12.47 Burst ROM Access Timing (Clock Synchronous) (Burst Length = 8, Wait Cycles Inserted in First Access = 2, Wait Cycles Inserted in Second and Subsequent Accesses = 1) ........................... 387 Figure 12.48 Bus Arbitration Timing (Clock Mode 7 or CMNCR.HIZCNT = 1) ..................... 400 Section 13 Direct Memory Access Controller (DMAC) Figure 13.1 Block Diagram of the DMAC ................................................................................. 406 Figure 13.2 DMA Transfer Flowchart........................................................................................ 425 Figure 13.3 Round-Robin Mode................................................................................................. 430 Figure 13.4 Changes in Channel Priority in Round-Robin Mode............................................... 431 Figure 13.5 Data Flow of Dual Address Mode........................................................................... 433 Figure 13.6 Example of DMA Transfer Timing in Dual Mode (Source: Ordinary Memory, Destination: Ordinary Memory) ................................ 434 Figure 13.7 Data Flow in Single Address Mode......................................................................... 435 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |