Electronic Components Datasheet Search
  English  ▼

X  

M16C/62A Datasheet(PDF) 551 Page - Renesas Technology Corp

Part # M16C/62A
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/60 SERIES
PDF  615 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/62A Datasheet(HTML) 551 Page - Renesas Technology Corp

Back Button M16C/62A Datasheet HTML 547Page - Renesas Technology Corp M16C/62A Datasheet HTML 548Page - Renesas Technology Corp M16C/62A Datasheet HTML 549Page - Renesas Technology Corp M16C/62A Datasheet HTML 550Page - Renesas Technology Corp M16C/62A Datasheet HTML 551Page - Renesas Technology Corp M16C/62A Datasheet HTML 552Page - Renesas Technology Corp M16C/62A Datasheet HTML 553Page - Renesas Technology Corp M16C/62A Datasheet HTML 554Page - Renesas Technology Corp M16C/62A Datasheet HTML 555Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 551 / 615 page
background image
External Buses
Mitsubishi microcomputers
M16C / 62A Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
2-234
460
210
127
85
60
43
31
23
16
10
5
2
-2
-4
-7
-9
960
460
293
210
160
127
103
85
71
60
51
43
37
31
27
23
0
200
400
600
800
1000
1200
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
MHz
Data set up time
Without wait
With wait
455
205
121
80
55
38
26
17
10
5
0
-3
-7
-9
-12
-14
1455
705
455
330
255
205
169
142
121
105
91
80
70
62
55
48
0
200
400
600
800
1000
1200
1400
1600
12
345
678
9
10
11
12
13
14
15
16
MHz
OE access time
Without wait
With wait
935
435
268
185
135
102
78
60
46
35
26
18
12
62
-3
1935
935
602
435
335
268
221
185
157
135
117
102
89
78
68
60
0
500
1000
1500
2000
2500
1234
56789
10
11
12
13
14
15
16
MHz
Access time
Without wait
With wait
Figure 4.4.1. Relation between the frequency of BCLK and memory (Vcc = 5V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com