Electronic Components Datasheet Search
  English  ▼

X  

M16C/62A Datasheet(PDF) 552 Page - Renesas Technology Corp

Part # M16C/62A
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/60 SERIES
PDF  615 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/62A Datasheet(HTML) 552 Page - Renesas Technology Corp

Back Button M16C/62A Datasheet HTML 548Page - Renesas Technology Corp M16C/62A Datasheet HTML 549Page - Renesas Technology Corp M16C/62A Datasheet HTML 550Page - Renesas Technology Corp M16C/62A Datasheet HTML 551Page - Renesas Technology Corp M16C/62A Datasheet HTML 552Page - Renesas Technology Corp M16C/62A Datasheet HTML 553Page - Renesas Technology Corp M16C/62A Datasheet HTML 554Page - Renesas Technology Corp M16C/62A Datasheet HTML 555Page - Renesas Technology Corp M16C/62A Datasheet HTML 556Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 552 / 615 page
background image
External Buses
Mitsubishi microcomputers
M16C / 62A Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
2-235
420
170
87
45
20
3
-9
-18
-24
-30
920
420
253
170
120
87
63
45
31
20
0
200
400
600
800
1,000
123
4567
89
10
MHz
Data set up time
Without wait
With wait
860
360
193
110
60
27
3
-15
-29
-40
1860
860
527
360
260
193
146
110
82
60
0
500
1,000
1,500
2,000
12
34
56
78
9
10
MHz
Access time
Without wait
With wait
410
160
76
35
10
-7
-18
-27
-34
-40
1410
660
410
285
210
160
124
97
76
60
0
200
400
600
800
1000
1200
1400
1600
123
4567
89
10
MHz
OE access time
Without wait
With wait
Figure 4.4.2. Relation between the frequency of BCLK and memory (Vcc = 3V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com