Electronic Components Datasheet Search
  English  ▼

X  

M16C/62A Datasheet(PDF) 556 Page - Renesas Technology Corp

Part # M16C/62A
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/60 SERIES
PDF  615 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/62A Datasheet(HTML) 556 Page - Renesas Technology Corp

Back Button M16C/62A Datasheet HTML 552Page - Renesas Technology Corp M16C/62A Datasheet HTML 553Page - Renesas Technology Corp M16C/62A Datasheet HTML 554Page - Renesas Technology Corp M16C/62A Datasheet HTML 555Page - Renesas Technology Corp M16C/62A Datasheet HTML 556Page - Renesas Technology Corp M16C/62A Datasheet HTML 557Page - Renesas Technology Corp M16C/62A Datasheet HTML 558Page - Renesas Technology Corp M16C/62A Datasheet HTML 559Page - Renesas Technology Corp M16C/62A Datasheet HTML 560Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 556 / 615 page
background image
External Buses
Mitsubishi microcomputers
M16C / 62A Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
2-239
________
(2) RDY function usage
________
To use the RDY function, set a software wait.
________
________
The RDY function operates when the BCLK signal falls with the RDY pin at “L”; the bus does not vary
for 1 BCLK, and the state at that moment is held.
________
________
The RDY function holds the state of bus for the period in which the RDY pin is at “L”, and releases it
________
________
when the BCLK signal falls with the RDY pin at “H”. Figure 4.4.6 shows an example of RDY circuit
that holds the state of bus for 1 BCLK.
________
Figure 4.4.6. Example of RDY circuit holding state of bus for 1 BCLK
CK
D
R
S
BCLK
RD
CS0
RDY
1Q
1Q
CK
D
R
S
2Q
2Q
(1) RDY accepted
(2) RDY cleared
The state of data bus and that of address bus are held for the period between (1) and (2).
BCLK
CS0
RD
2Q
1Q
RDY
(1)
(2)
(1)
(2)
BCLK
CS0
RD
2Q
1Q
RDY
(1)
(2)
• Timings in separate bus
• Timings in multiplex bus
(1)
(2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com