Electronic Components Datasheet Search
  English  ▼

X  

M16C/62A Datasheet(PDF) 557 Page - Renesas Technology Corp

Part # M16C/62A
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/60 SERIES
PDF  615 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/62A Datasheet(HTML) 557 Page - Renesas Technology Corp

Back Button M16C/62A Datasheet HTML 553Page - Renesas Technology Corp M16C/62A Datasheet HTML 554Page - Renesas Technology Corp M16C/62A Datasheet HTML 555Page - Renesas Technology Corp M16C/62A Datasheet HTML 556Page - Renesas Technology Corp M16C/62A Datasheet HTML 557Page - Renesas Technology Corp M16C/62A Datasheet HTML 558Page - Renesas Technology Corp M16C/62A Datasheet HTML 559Page - Renesas Technology Corp M16C/62A Datasheet HTML 560Page - Renesas Technology Corp M16C/62A Datasheet HTML 561Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 557 / 615 page
background image
External Buses
Mitsubishi microcomputers
M16C / 62A Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
2-240
4.4.3 Connectable Memories
Connectable memories and their maximum frequencies are given here;
M16C/62A group maximum frequency is
16MHz (without the wait) for Vcc=5V,
10MHz (with the one wait) for Vcc=3V
(1) Flash memories (Read only mode)
(a) 3V without wait
(b) 3V with wait
(2) SRAM
(a) 3V without wait
(b) 3V with wait
Maximum
frequency (MHz)
Model No.
3.57
M5M29GB/T160BVP-80
Maximum
frequency (MHz)
Model No.
8.33
M5M29GB/T160BVP-80
Maximum
frequency (MHz)
Model No.
5.12
M5M54R08AJ-12
M5M54R16AJ,ATP-12
Maximum
frequency (MHz)
Model No.
10.0
M5M54R08AJ-12
M5M54R16AJ,ATP-12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com