Electronic Components Datasheet Search
  English  ▼

X  

SH7660 Datasheet(PDF) 49 Page - Renesas Technology Corp

Part # SH7660
Description  Renesas 32-Bit RISC Microcomputer
PDF  846 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7660 Datasheet(HTML) 49 Page - Renesas Technology Corp

Back Button SH7660 Datasheet HTML 45Page - Renesas Technology Corp SH7660 Datasheet HTML 46Page - Renesas Technology Corp SH7660 Datasheet HTML 47Page - Renesas Technology Corp SH7660 Datasheet HTML 48Page - Renesas Technology Corp SH7660 Datasheet HTML 49Page - Renesas Technology Corp SH7660 Datasheet HTML 50Page - Renesas Technology Corp SH7660 Datasheet HTML 51Page - Renesas Technology Corp SH7660 Datasheet HTML 52Page - Renesas Technology Corp SH7660 Datasheet HTML 53Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 846 page
background image
Rev. 1.00, 02/04, page 11 of 804
Pin No.
Pin Name
Description
B1
NC
Reserved
This pin should be open.
B2
ASEMD0
ASE mode control input
This pin should be fixed to high in the normal state.
B3
PTG0/SCIF0_SCK/IRQ3
Port G/clock I/O for SCIF0/external interrupt request
input
Though this pin is fixed to input and enters the output Hi-
Z state in the initial state, the internal pull-up MOS is
turned on.
B4
RREF
Test pin
This pin should be pulled-up.
B5
NC
Reserved
This pin should be open.
B6
Vss (DLL)
Power supply for internal regulator (DLL) (0 V)
B7
DA0
D/A converter (DAC) output (channel 0)
B8
Vcc (I/O)
Power supply for I/O (3.3 V)
B9
Vss
Power supply (0 V)
B10
XTAL2
Crystal unit pin for Bluetooth power-down state
When RTCSEL0 = high, this pin enters the non-active
state.
B11
RDI_RXBDW_OUT*
1
Packet control output for RF IC
B12
Vcc_28
Power supply for I/O pin with RF IC (2.8 V/3.3 V)
B13
RCI_SPI_CLK*
1
SPI interface clock output with RF IC
B14
NC
Reserved
This pin should be open.
B15
NC
Reserved
This pin should be open.
B16
NC
Reserved
This pin should be open.
B17
NC
Reserved
This pin should be open.
C1
PTH1/SCIF1_TxD
Port H/transmit data output for SCIF1
This pin is fixed to input and enters the output Hi-Z state
in the initial state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com