| Electronic Components Datasheet Search |
|
SH7660 Datasheet(PDF) 30 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7660 Datasheet(HTML) 30 Page - Renesas Technology Corp |
|
30 / 846 page ![]() Rev. 1.00, 02/04, page xxx of xxxviii Figure 28.25 Burst Read Bus Cycle of Synchronous DRAM (Single Read × 4) (Auto Precharge Mode, CAS Latency 2, TRCD = 1 Cycle, TRP = 2 Cycle) ........ 755 Figure 28.26 Burst Read Bus Cycle of Synchronous DRAM (Single Read × 4) (Auto Precharge Mode, CAS Latency 2, TRCD = 2 Cycle, TRP = 1 Cycle) ........ 756 Figure 28.27 Single Write Bus Cycle of Synchronous DRAM (Auto Precharge Mode, TRWL = 1 Cycle)............................................................ 757 Figure 28.28 Single Write Bus Cycle of Synchronous DRAM (Auto Precharge Mode, TRCD = 3 Cycle, TRWL = 1 Cycle) .............................. 758 Figure 28.29 Burst Write Bus Cycle of Synchronous DRAM (Single Write × 4) (Auto Precharge Mode, TRCD = 1 Cycle, TRWL = 1 Cycle) .............................. 759 Figure 28.30 Burst Write Bus Cycle of Synchronous DRAM (Single Write × 4) (Auto Precharge Mode, TRCD = 1 Cycle, TRWL = 1 Cycle) .............................. 760 Figure 28.31 Burst Read Bus Cycle of Synchronous DRAM (Single Read × 4) (Bank Active Mode: ACTV + READ Command, CAS Latency 2, TRCD = 1 Cycle)................................................................................................... 761 Figure 28.32 Burst Read Bus Cycle of Synchronous DRAM (Single Read × 4) (Bank Active Mode: READ Command, Same Row Address, CAS Latency 2, TRCD = 1 Cycle)................................................................................................... 762 Figure 28.33 Burst Read Bus Cycle of Synchronous DRAM (Single Read × 4) (Bank Active Mode: PRE + ACTV + READ Command, Different Row Address, CAS Latency 2, TRCD = 1 Cycle) ........................................................................ 763 Figure 28.34 Burst Write Bus Cycle of Synchronous DRAM (Single Write × 4) (Bank Active Mode: ACTV + WRIT Command, TRCD = 1 Cycle) .................... 764 Figure 28.35 Burst Write Bus Cycle of Synchronous DRAM (Single Write × 4) (Bank Active Mode: ACTV + WRIT Command, TRCD = 1 Cycle) .................... 765 Figure 28.36 Burst Write Bus Cycle of Synchronous DRAM (Single Write × 4) (Bank Active Mode: PRE + ACTV + WRIT Command, TRCD = 1 Cycle)......... 766 Figure 28.37 Auto Refresh Timing of Synchronous DRAM (TRP = 2 Cycle) .......................... 767 Figure 28.38 Self Refresh Timing of Synchronous DRAM (TRP = 2 Cycle) ............................ 768 Figure 28.39 Power-On Sequence of Synchronous DRAM (Mode Write Timing, TRP = 2 Cycle)................................................................... 769 Figure 28.40 Access Timing in Low-Frequency Mode of Synchronous DRAM (Auto Precharge Mode, TRWL = 1 Cycle)............................................................ 770 Figure 28.41 Auto Refresh Timing in Low-Frequency Mode of Synchronous DRAM (TRP = 2 Cycle)..................................................................................................... 771 Figure 28.42 Self Refresh Timing in Low-Frequency Mode of Synchronous DRAM (TRP = 2 Cycle)..................................................................................................... 772 Figure 28.43 Power-On Sequence in Low-Frequency Mode of Synchronous DRAM (Mode Write Timing, TRP = 2 Cycle)................................................................... 773 Figure 28.44 Write to Read Bus Cycle in Power-Down Mode of Synchronous DRAM (Auto Precharge Mode, TRCD = 1 Cycle, TRP = 1 Cycle, TRWL = 1 Cycle)..... 774 Figure 28.45 Read to Write Bus Cycle in Power-Down Mode of Synchronous DRAM (Auto Precharge Mode, TRCD = 1 Cycle, TRP = 1 Cycle, TRWL = 1 Cycle)..... 775 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |