Electronic Components Datasheet Search
  English  ▼

X  

M30620ECGP Datasheet(PDF) 39 Page - Renesas Technology Corp

Part # M30620ECGP
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY
PDF  621 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30620ECGP Datasheet(HTML) 39 Page - Renesas Technology Corp

Back Button M30620ECGP Datasheet HTML 35Page - Renesas Technology Corp M30620ECGP Datasheet HTML 36Page - Renesas Technology Corp M30620ECGP Datasheet HTML 37Page - Renesas Technology Corp M30620ECGP Datasheet HTML 38Page - Renesas Technology Corp M30620ECGP Datasheet HTML 39Page - Renesas Technology Corp M30620ECGP Datasheet HTML 40Page - Renesas Technology Corp M30620ECGP Datasheet HTML 41Page - Renesas Technology Corp M30620ECGP Datasheet HTML 42Page - Renesas Technology Corp M30620ECGP Datasheet HTML 43Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 621 page
background image
Mitsubishi microcomputers
M16C / 62 Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Memory Space Expansion Functions
24
An example of connecting the MCU with external memories in expansion mode 1
(An example of using M30622MC in microprocessor mode)
SFR area
Internal RAM
area
External area
Internal area reserved
0000016
0040016
017FF16
FFFFF16
D000016
0800016
CS2
(128K bytes)
2800016
3000016
0400016
CS0
SRAM
(128K bytes)
Flash
ROM
(1M byte)
Usable for
programs only
Usable both for
programs and
for data
(1008K bytes)
Usable for
data only
17
8
D0 to D7
A0 to A16
A17
A19
RD
WR
CS1
CS2
CS3
CS0
A18
DQ0 to DQ7
AD0 to AD16
AD17
AD18
AD19
OE
CS
DQ0 to DQ7
AD0 to AD16
S2
W
OE
S1
A connection example
Figure 1.8.3 shows a connection example of the MCU with the external memories in expansion mode 1.
_______
_______
In this example, CS0 is connected with a 1-M byte flash ROM and CS2 is connected with a 128-K byte
SRAM.
Figure 1.8.3. External memory connect example in expansion mode 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com