Electronic Components Datasheet Search
  English  ▼

X  

M30620ECGP Datasheet(PDF) 45 Page - Renesas Technology Corp

Part # M30620ECGP
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY
PDF  621 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30620ECGP Datasheet(HTML) 45 Page - Renesas Technology Corp

Back Button M30620ECGP Datasheet HTML 41Page - Renesas Technology Corp M30620ECGP Datasheet HTML 42Page - Renesas Technology Corp M30620ECGP Datasheet HTML 43Page - Renesas Technology Corp M30620ECGP Datasheet HTML 44Page - Renesas Technology Corp M30620ECGP Datasheet HTML 45Page - Renesas Technology Corp M30620ECGP Datasheet HTML 46Page - Renesas Technology Corp M30620ECGP Datasheet HTML 47Page - Renesas Technology Corp M30620ECGP Datasheet HTML 48Page - Renesas Technology Corp M30620ECGP Datasheet HTML 49Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 621 page
background image
Mitsubishi microcomputers
M16C / 62 Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Processor Mode
30
Single-chip mode
SFR area
Internal
RAM area
Inhibited
Internal
ROM area
Microprocessor mode
SFR area
Internal
RAM area
External
area
Internally
reserved area
0000016
0040016
XXXXX16
YYYYY16
FFFFF16
D000016
External area : Accessing this area allows the user to
access a device connected externally
to the microcomputer.
0400016
Memory expansion mode
SFR area
Internal
RAM area
External
area
Internal
ROM area
Internally
reserved area
Internally
reserved area
Note : These memory maps show an instance in which PM13 is set to 0; but in the case of M30624MG/FG,
they show an instance in which PM13 is set to 1.
M30622M4
00FFF16
F800016
C000016
053FF16
M30624MG/FG
M30620M8
02BFF16
F000016
E800016
017FF16
M30622MA
E000016
017FF16
M30622MC
M30620MA
E800016
02BFF16
M30622M8/E8
F000016
013FF16
Address XXXXX16
Type No.
Address YYYYY16
M30620MC/EC
E000016
02BFF16
Figure 1.10.1. Memory maps in each processor mode (without memory area expansion, normal mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com