Electronic Components Datasheet Search
  English  ▼

X  

M30620ECGP Datasheet(PDF) 32 Page - Renesas Technology Corp

Part # M30620ECGP
Description  16-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY
PDF  621 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30620ECGP Datasheet(HTML) 32 Page - Renesas Technology Corp

Back Button M30620ECGP Datasheet HTML 28Page - Renesas Technology Corp M30620ECGP Datasheet HTML 29Page - Renesas Technology Corp M30620ECGP Datasheet HTML 30Page - Renesas Technology Corp M30620ECGP Datasheet HTML 31Page - Renesas Technology Corp M30620ECGP Datasheet HTML 32Page - Renesas Technology Corp M30620ECGP Datasheet HTML 33Page - Renesas Technology Corp M30620ECGP Datasheet HTML 34Page - Renesas Technology Corp M30620ECGP Datasheet HTML 35Page - Renesas Technology Corp M30620ECGP Datasheet HTML 36Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 621 page
background image
Mitsubishi microcomputers
M16C / 62 Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Reset
17
Figure 1.6.3. Device's internal status after a reset is cleared
x : Nothing is mapped to this bit
? : Undefined
The content of other registers and RAM is undefined when the microcomputer is reset. The initial values must therefore be set.
Note: When the VCC level is applied to the CNVSS pin, it is 0316 at a reset.
(1)
(000416)···
Processor mode register 0 (Note)
0016
(2)
(000516)···
Processor mode register 1
0
0
0
(3)
(000616)···
System clock control register 0
1
00
00
10
0
(4)
(000716)···
System clock control register 1
0
00
10
00
0
(5)
(000816)···
Chip select control register
0
00
00
01
0
(6)
(000916)···
Address match interrupt enable register
0
0
(7) Protect register
(000A16)···
00
0
(9)
(000F16)···
Watchdog timer control register
0
0?
0
??? ?
(11)
(001416)···
Address match interrupt register 1
(001516)···
(001616)···
0
0016
0016
0 0 0
(12)
(002C16)···
DMA0 control register
00000?0 0
(13)
(003C16)···
DMA1 control register
00000?0 0
(21)
(004B16)···
DMA0 interrupt control register
? 0 0 0
(22)
(004C16)···
DMA1 interrupt control register
? 0 0 0
(23)
(004D16)···
Key input interrupt control register
? 0 0 0
(20)
(004A16)···
Bus collision detection interrupt
control register
0 0 0
?
(8) Data bank register
(000B16)···
(001016)···
Address match interrupt register 0
(001116)···
(001216)···
0
0016
0016
0 0 0
(10)
(14)
(004416)···
INT3 interrupt control register
00?000
(15)
(004516)···
Timer B5 interrupt control register
?000
(16)
(004616)···
Timer B4 interrupt control register
?000
(17)
(004716)···
Timer B3 interrupt control register
?00 0
(18)
(004816)···
SI/O4 interrupt control register
00?00 0
(19)
(004916)···
SI/O3 interrupt control register
00?00 0
(24) A-D conversion interrupt control register
(25)
(26)
UART2 transmit interrupt control register
UART2 receive interrupt control register
(004E16)···
? 0 0 0
(004F16)···
(005016)···
? 0 0 0
? 0 0 0
0
00
0016
(27)
(28)
(29)
(30)
UART0 transmit interrupt control register
UART0 receive interrupt control register
UART1 transmit interrupt control register
UART1 receive interrupt control register
(31)
(32)
(33)
(34)
(35)
(36)
(37)
Timer A0 interrupt control register
Timer A1 interrupt control register
Timer A2 interrupt control register
Timer A3 interrupt control register
Timer A4 interrupt control register
Timer B0 interrupt control register
Timer B1 interrupt control register
(38) Timer B2 interrupt control register
(39) INT0 interrupt control register
(40) INT1 interrupt control register
(41) INT2 interrupt control register
(45) Three-phase output buffer register 0
(46) Three-phase output buffer register 1
Three-phase PWM control register 0
(43)
Three-phase PWM control register 1
(44)
(42) Timer B3,4,5 count start flag
(47) Timer B3 mode register
(48) Timer B4 mode register
(49) Timer B5 mode register
(50) Interrupt cause select register
0016
UART2 transmit/receive control register 1
UART2 transmit/receive control register 0
(037816)···
(037D16)···
(037C16)···
0016
000
0000 1
010
0000 0
(57)
UART2 transmit/receive mode register
(55)
(56)
(52) SI/O4 control register
(54) UART2 special mode register
(005116)···
(005216)···
(005316)···
(005416)···
(005516)···
(005616)···
(005716)···
(005816)···
(005916)···
(005A16)···
(005B16)···
(005C16)···
(005D16)···
(005E16)···
(005F16)···
(034A16)···
(034B16)···
(034816)···
(034916)···
(034016)···
(035B16)···
(035C16)···
(035D16)···
(035F16)···
(036616)···
(037716)···
(036216)···
SI/O3 control register
? 0 0 0
? 0 0 0
? 0 0 0
? 0 0 0
? 0 0 0
? 0 0 0
? 0 0 0
? 0 0 0
? 0 0 0
? 0 0 0
? 0 0 0
? 0 0 0
? 000
00
? 000
00
? 000
00
0016
0016
0016
0016
00?
0000
00?
0000
00?
0000
4016
0016
4016
(51)
000
(53) UART2 special mode register 2
(037616)···
0016



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com