Electronic Components Datasheet Search
  English  ▼

X  

7540 Datasheet(PDF) 122 Page - Renesas Technology Corp

Part # 7540
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 740 SERIES
PDF  366 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7540 Datasheet(HTML) 122 Page - Renesas Technology Corp

Back Button 7540 Datasheet HTML 118Page - Renesas Technology Corp 7540 Datasheet HTML 119Page - Renesas Technology Corp 7540 Datasheet HTML 120Page - Renesas Technology Corp 7540 Datasheet HTML 121Page - Renesas Technology Corp 7540 Datasheet HTML 122Page - Renesas Technology Corp 7540 Datasheet HTML 123Page - Renesas Technology Corp 7540 Datasheet HTML 124Page - Renesas Technology Corp 7540 Datasheet HTML 125Page - Renesas Technology Corp 7540 Datasheet HTML 126Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 366 page
background image
2-46
REJ09B0018-0200Z
Rev.2.00
Jun 21, 2004
APPLICATION
7540 Group
2.4 Timer X
2.4.3 Timer mode
(1) Operation description
Prescaler X counts the selected count source by the timer X count source selection bits. Each time
the count clock is input, the contents of Prescaler X is decremented by 1. When the contents of
Prescaler X reach “0016”, an underflow occurs at the next count clock, and the prescaler X latch is
reloaded into Prescaler X and count continues. The division ratio of Prescaler X is 1/(n+1) provided
that the value of Prescaler X is n.
The contents of Timer X is decremented by 1 each time the underflow signal of Prescaler X is input.
When the contents of Timer X reach “0016”, an underflow occurs at the next count clock, and the
timer X latch is reloaded into Timer X and count continues. The division ratio of Timer X is 1/(m+1)
provided that the value of Timer X is m. Accordingly, the division ratio of Prescaler X and Timer X
is provided as follows that the value of Prescaler X is n and the value of Timer X is m.
Timer X can stop counting by setting “1” to the timer X count stop bit.
Also, when Timer X underflows, the timer X interrupt request bit is set to “1”.
(2) Timer mode setting method
Figure 2.4.10 shows the setting method for timer mode of timer X.
Division ratio =
1
(n+1) ✕ (m+1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com