Electronic Components Datasheet Search
  English  ▼

X  

7540 Datasheet(PDF) 126 Page - Renesas Technology Corp

Part # 7540
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 740 SERIES
PDF  366 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7540 Datasheet(HTML) 126 Page - Renesas Technology Corp

Back Button 7540 Datasheet HTML 122Page - Renesas Technology Corp 7540 Datasheet HTML 123Page - Renesas Technology Corp 7540 Datasheet HTML 124Page - Renesas Technology Corp 7540 Datasheet HTML 125Page - Renesas Technology Corp 7540 Datasheet HTML 126Page - Renesas Technology Corp 7540 Datasheet HTML 127Page - Renesas Technology Corp 7540 Datasheet HTML 128Page - Renesas Technology Corp 7540 Datasheet HTML 129Page - Renesas Technology Corp 7540 Datasheet HTML 130Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 366 page
background image
2-50
REJ09B0018-0200Z
Rev.2.00
Jun 21, 2004
APPLICATION
7540 Group
2.4 Timer X
Fig. 2.4.13 Setting method for pulse output mode (1)
2.4.4 Pulse output mode
(1) Operation description
In the pulse output mode, the waveform whose polarity is inverted each time timer X underflows is
output from the P14/CNTR0 pin.
The output level of CNTR0 pin can be selected by the CNTR0 active edge switch bit. When the CNTR0
active edge switch bit is “0”, the output of CNTR0 pin is started at “H” level. When this bit is “1”, the
output is started at “L” level.
Also, the inverted waveform of pulse output from CNTR0 pin can be output from TXOUT pin by setting
“1” to the P03/TXOUT output valid bit.
When using a timer in this mode, set the port P14 and P03 direction registers to output mode.
Timer X can stop counting by setting “1” to the timer X count stop bit.
Also, when Timer X underflows, the timer X interrupt request bit is set to “1”.
(2) Pulse output mode setting method
Figure 2.4.13 and Figure 2.4.14 show the setting method for pulse output mode of timer X.
b7b0
0
1
1
b7b0
1
b7b0
1
b7b0
0
Process 1: Disable timer X interrupt.
Interrupt control register 1 (ICON1) [Address 3E16]
Timer X interrupt disabled
Port P1 direction register (P1D) [Address 0316]
Set the P14/CNTR0 pin to the output mode
Process 3: Set the CNTR0 pin to the output mode.
Process 2: Set timer X mode register.
Timer X mode register (TXM) [Address 2B16]
Port P0 direction register (P0D) [Address 0116]
Set the P03/TXOUT pin to the output mode
Process 4: Set the TXOUT pin as the output mode when TXOUT output is valid.
Pulse output mode
CNTR0 active edge switch
0: Output is started at “H” level
1: Output is started at “L” level
Timer X count stop
P03/TXOUT output
0: Output invalid (I/O port)
1: Output valid (inverted CNTR0 output)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com