Electronic Components Datasheet Search
  English  ▼

X  

7540 Datasheet(PDF) 127 Page - Renesas Technology Corp

Part # 7540
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 740 SERIES
PDF  366 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7540 Datasheet(HTML) 127 Page - Renesas Technology Corp

Back Button 7540 Datasheet HTML 123Page - Renesas Technology Corp 7540 Datasheet HTML 124Page - Renesas Technology Corp 7540 Datasheet HTML 125Page - Renesas Technology Corp 7540 Datasheet HTML 126Page - Renesas Technology Corp 7540 Datasheet HTML 127Page - Renesas Technology Corp 7540 Datasheet HTML 128Page - Renesas Technology Corp 7540 Datasheet HTML 129Page - Renesas Technology Corp 7540 Datasheet HTML 130Page - Renesas Technology Corp 7540 Datasheet HTML 131Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 366 page
background image
2-51
REJ09B0018-0200Z
Rev.2.00
Jun 21, 2004
7540 Group
APPLICATION
2.4 Timer X
Fig. 2.4.14 Setting method for pulse output mode (2)
b7b0
b7b0
0
0
1
0
b7b0
0
b7
b0
1
Process 6: Set the count value to timer X.
• Set the count value to prescaler X and timer X
Prescaler X (PREX) (Address 2C16)
Count value
Timer X (TX) (Address 2D16)
Process 7: In order not to execute the no requested interrupt processing, set “0” (no requested)
to the timer X interrupt request bit.
Interrupt request register 1 (IREQ1) [Address 3C16]
Process 8: When the interrupt is used, set “1” (interrupt enabled) to the timer X
interrupt enable bit.
No timer X interrupt request issued
Timer X mode register (TXM) [Address 2B16]
Timer X count start
Process 9: Start counting of timer X.
Count value
Interrupt control register 1 (ICON1) [Address 3E16]
Timer X interrupt enabled
Note: f(XIN) can be used only when a ceramic resonator or an on-chip oscillator is used.
Do not use f(XIN) at RC oscillation.
Process 5: Set timer count source set register.
Timer count source set register (TCSS) [Address 2E16]
Timer X count source selection bits
b1 b0
0 0 : f(XIN)/16
0 1 : f(XIN)/2
1 0 : f(XIN) (Note)
1 1 : Not available



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com