Electronic Components Datasheet Search
  English  ▼

X  

7540 Datasheet(PDF) 128 Page - Renesas Technology Corp

Part # 7540
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 740 SERIES
PDF  366 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7540 Datasheet(HTML) 128 Page - Renesas Technology Corp

Back Button 7540 Datasheet HTML 124Page - Renesas Technology Corp 7540 Datasheet HTML 125Page - Renesas Technology Corp 7540 Datasheet HTML 126Page - Renesas Technology Corp 7540 Datasheet HTML 127Page - Renesas Technology Corp 7540 Datasheet HTML 128Page - Renesas Technology Corp 7540 Datasheet HTML 129Page - Renesas Technology Corp 7540 Datasheet HTML 130Page - Renesas Technology Corp 7540 Datasheet HTML 131Page - Renesas Technology Corp 7540 Datasheet HTML 132Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 366 page
background image
2-52
REJ09B0018-0200Z
Rev.2.00
Jun 21, 2004
APPLICATION
7540 Group
2.4 Timer X
(3) Application example of pulse output mode
Outline: The pulse output mode of timer X is used for a piezoelectric buzzer output.
Specifications: The rectangular waveform which is clock f(XIN) = 4 MHz divided up to 4 kHZ is
output from the P14/CNTR0 pin.
The level of the P14/CNTR0 pin is fixed to “H” while a piezoelectric buzzer output is
stopped.
Operation clock: f(XIN) = 4 MHz, double-speed mode
Figure 2.4.15 shows an example of a peripheral circuit, Figure 2.4.16 shows the connection of timer
and setting of the division ratio, and Figure 2.4.17 shows an example of control procedure.
Fig. 2.4.15 Example of peripheral circuit
7540 Group
P14/CNTR0
PiPiPi.....
125
µs 125 µs
Set division ratio so that the underflow
output period of timer X will become
125
µs.
The “H” level is output while a piezoelectric buzzer output is stopped.
CNTR0 output
f(XIN) = 4MHz
Prescaler X
Timer X
1/2
Timer X count
source selection
bit
1/2
1/125
1/2
Fixed
CNTR0 pin output
4 kHz
Fig. 2.4.16 Connection of timer and setting of division ratio



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com