Electronic Components Datasheet Search
  English  ▼

X  

7540 Datasheet(PDF) 125 Page - Renesas Technology Corp

Part # 7540
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 740 SERIES
PDF  366 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7540 Datasheet(HTML) 125 Page - Renesas Technology Corp

Back Button 7540 Datasheet HTML 121Page - Renesas Technology Corp 7540 Datasheet HTML 122Page - Renesas Technology Corp 7540 Datasheet HTML 123Page - Renesas Technology Corp 7540 Datasheet HTML 124Page - Renesas Technology Corp 7540 Datasheet HTML 125Page - Renesas Technology Corp 7540 Datasheet HTML 126Page - Renesas Technology Corp 7540 Datasheet HTML 127Page - Renesas Technology Corp 7540 Datasheet HTML 128Page - Renesas Technology Corp 7540 Datasheet HTML 129Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 366 page
background image
2-49
REJ09B0018-0200Z
Rev.2.00
Jun 21, 2004
7540 Group
APPLICATION
2.4 Timer X
Fig. 2.4.12 Example of control procedure
“FF16”
CLI
0
1
1
RESET
Timer X interrupt processing routine
RTI
00
0
TCSS(Address 2E16)
Timer X count source:
f(XIN)/16 selected
Set timer count source set register
1
00
0
TXM(Address 2B16)
0
1
00
Setting clock is required?
Processing
Processing of setting clock
Y
N
Clock is stopped?
Y
N
Processing of clock setting
Clock setting
RTS
0
1
00
0
0
1
00
Set “0” to the timer X interrupt enable bit.
(Timer X interrupt disabled)
Prescaler X (Address 2C16)
Set value to timer X (Note 2)
Set “0” to the timer X interrupt request bit.
TXM(Address 2B16)
Timer mode
Timer X count stop
Set timer X mode register
Initialization
SEI
CLD
CLT
CPUM(Address 3B16)
← 10000X002
Wait until f(XIN) oscillation is stabilized (Note 1)
CPUM(Address 3B16)
← 00000X002
Timer X (Address 2D16)
Set “1” to the timer X interrupt enable bit.
(Timer X interrupt enabled)
Timer X count start
Set timer X mode register
X: This bit is not used here. Set it to “0” or “1” arbitrary.
Notes 1: For the concrete time, ask the oscillator manufacture.
2: About 250 ms = 1/4.19 MHz ✕ 16 ✕ (FF16 + 1) ✕ (FF16 + 1)
Timer X
setting value
“FF16”
Clock count up (1/4 s to year)
Set “0” to the timer X interrupt enable bit.
(Timer X interrupt disabled)
TXM(Address 2B16)
Timer X count start
Set timer X mode register
TXM(Address 2B16)
Timer X count stop
Set timer X mode register
“FF16”
Prescaler X (Address 2C16)
Set value to timer X (Note 2)
Set “0” to the timer X interrupt request bit.
Timer X (Address 2D16)
Set “1” to the timer X interrupt enable bit.
(Timer X interrupt enabled)
“FF16”
Timer X
division ratio
Prescaler X
setting value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com