Electronic Components Datasheet Search
  English  ▼

X  

7540 Datasheet(PDF) 244 Page - Renesas Technology Corp

Part # 7540
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 740 SERIES
PDF  366 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7540 Datasheet(HTML) 244 Page - Renesas Technology Corp

Back Button 7540 Datasheet HTML 240Page - Renesas Technology Corp 7540 Datasheet HTML 241Page - Renesas Technology Corp 7540 Datasheet HTML 242Page - Renesas Technology Corp 7540 Datasheet HTML 243Page - Renesas Technology Corp 7540 Datasheet HTML 244Page - Renesas Technology Corp 7540 Datasheet HTML 245Page - Renesas Technology Corp 7540 Datasheet HTML 246Page - Renesas Technology Corp 7540 Datasheet HTML 247Page - Renesas Technology Corp 7540 Datasheet HTML 248Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 244 / 366 page
background image
3-22
REJ09B0018-0200Z
Rev.2.00
Jun 21, 2004
APPENDIX
7540 Group
3.1 Electrical characteristics
3.1.3 7540Group (Extended operating temperature 125 °C version)
Applied to: M37540M2V-XXXFP/GP, M37540M4V-XXXFP/GP, M37540E8V-XXXFP/GP
(1) Absolute Maximum Ratings (Extended operating temperature 125 °C version)
Table 3.1.23 Absolute maximum ratings
–0.3 to 6.5 (Note 1)
–0.3 to VCC + 0.3
–0.3 to VCC + 0.3
–0.3 to VCC + 0.3
300 (Note 2)
–40 to 125 (Note 3)
–65 to 150
Power source voltage
Input voltage
P00–P07, P10–P14, P20–P27, P30–P37, VREF
Input voltage RESET, XIN, CNVSS
Output voltage
P00–P07, P10–P14, P20–P27, P30–P37, XOUT
Power dissipation
Operating temperature
Storage temperature
V
V
V
V
mW
°C
°C
VCC
VI
VI
VO
Pd
Topr
Tstg
Conditions
Symbol
Ratings
Unit
Parameter
All voltages are
based on VSS.
Output transistors
are cut off.
Ta = 25°C
Notes 1: This is the rating value for the Mask ROM version.
The rating value for the One Time PROM version is –0.3 to 7.0 V.
2: 200 mW for the 32P6U package product.
3: In this version, the operating temperature range and total time are limited as follows;
55 °C to 85 °C: within total 6000 hours,
85 °C to 125 °C: within total 1000 hours.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com