Electronic Components Datasheet Search
  English  ▼

X  

7540 Datasheet(PDF) 247 Page - Renesas Technology Corp

Part # 7540
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 740 SERIES
PDF  366 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7540 Datasheet(HTML) 247 Page - Renesas Technology Corp

Back Button 7540 Datasheet HTML 243Page - Renesas Technology Corp 7540 Datasheet HTML 244Page - Renesas Technology Corp 7540 Datasheet HTML 245Page - Renesas Technology Corp 7540 Datasheet HTML 246Page - Renesas Technology Corp 7540 Datasheet HTML 247Page - Renesas Technology Corp 7540 Datasheet HTML 248Page - Renesas Technology Corp 7540 Datasheet HTML 249Page - Renesas Technology Corp 7540 Datasheet HTML 250Page - Renesas Technology Corp 7540 Datasheet HTML 251Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 247 / 366 page
background image
3-25
REJ09B0018-0200Z
Rev.2.00
Jun 21, 2004
7540 Group
APPENDIX
3.1 Electrical characteristics
(3) Electrical Characteristics (Extended operating temperature 125 °C version)
Table 3.1.26 Electrical characteristics (1)
(VCC = 2.4 to 5.5 V, VSS = 0 V, Ta = –40 to 125 °C, unless otherwise noted)
Min.
Typ.
Max.
Symbol
Parameter
Limits
Unit
IOH = –5 mA
VCC = 4.0 to 5.5 V
IOH = –1.0 mA
VCC = 2.4 to 5.5 V
IOL = 5 mA
VCC = 4.0 to 5.5 V
IOL = 1.5 mA
VCC = 4.0 to 5.5 V
IOL = 1.0 mA
VCC = 2.4 to 5.5 V
IOL = 15 mA
VCC = 4.0 to 5.5 V
IOL = 1.5 mA
VCC = 4.0 to 5.5 V
IOL = 10 mA
VCC = 2.4 to 5.5 V
VI = VCC
(Pin floating. Pull up
transistors “off”)
VI = VCC
VI = VCC
VI = VSS
(Pin floating. Pull up
transistors “off”)
VI = VSS
VI = VSS
VI = VSS
(Pull up transistors “on”)
When clock stopped
VCC = 5.0 V, Ta = 25 °C
VCC = 5.0 V, Ta = 25 °C
Test conditions
VCC–1.5
VCC–1.0
2.0
1000
62.5
“H” output voltage
P00–P07, P10–P14, P20–P27, P30–P37 (Note 1)
“L” output voltage
P00–P07, P10–P14, P20–P27, P37
“L” output voltage
P30–P36
Hysteresis
CNTR0, CNTR1, INT0, INT1(Note 2)
P00–P07 (Note 3)
Hysteresis
RXD, SCLK1, SCLK2, SDATA2 (Note 2)
Hysteresis
RESET
“H” input current
P00–P07, P10–P14, P20–P27, P30–P37
“H” input current
RESET
“H” input current
XIN
“L” input current
P00–P07, P10–P14, P20–P27, P30–P37
“L” input current
RESET, CNVSS
“L” input current
XIN
“L” input current
P00–P07, P30–P37
RAM hold voltage
On-chip oscillator oscillation frequency
Oscillation stop detection circuit detection frequency
1.5
0.3
1.0
2.0
0.3
1.0
5.0
5.0
–5.0
–5.0
–0.5
5.5
3000
187.5
V
V
V
V
V
V
V
V
V
V
V
µA
µA
µA
µA
µA
µA
mA
V
kHz
kHz
VOH
VOL
VOL
VT+–VT–
VT+–VT–
VT+–VT–
IIH
IIH
IIH
IIL
IIL
IIL
IIL
VRAM
ROSC
DOSC
0.4
0.5
0.5
4.0
–4.0
–0.2
2000
125
Notes 1: P11 is measured when the P11/TXD1 P-channel output disable bit of the UART control register (bit 4 of address 001B16) is “0”.
2: RXD1, SCLK1, SCLK2, SDATA2, INT0, and INT1 have hysteresises only when bits 0 to 2 of the port P1P3 control register are set to “0” (CMOS level).
3: It is available only when operating key-on wake up.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com