Electronic Components Datasheet Search
  English  ▼

X  

7540 Datasheet(PDF) 246 Page - Renesas Technology Corp

Part # 7540
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 740 SERIES
PDF  366 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7540 Datasheet(HTML) 246 Page - Renesas Technology Corp

Back Button 7540 Datasheet HTML 242Page - Renesas Technology Corp 7540 Datasheet HTML 243Page - Renesas Technology Corp 7540 Datasheet HTML 244Page - Renesas Technology Corp 7540 Datasheet HTML 245Page - Renesas Technology Corp 7540 Datasheet HTML 246Page - Renesas Technology Corp 7540 Datasheet HTML 247Page - Renesas Technology Corp 7540 Datasheet HTML 248Page - Renesas Technology Corp 7540 Datasheet HTML 249Page - Renesas Technology Corp 7540 Datasheet HTML 250Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 246 / 366 page
background image
3-24
REJ09B0018-0200Z
Rev.2.00
Jun 21, 2004
APPENDIX
7540 Group
3.1 Electrical characteristics
Table 3.1.25 Recommended operating conditions (2)
(VCC = 2.4 to 5.5 V, Ta = –40 to 125 °C, unless otherwise noted)
“H” peak output current (Note 1)
P00–P07, P10–P14, P20–P27, P30–P37
“L” peak output current (Note 1)
P00–P07, P10–P14, P20–P27, P37
“L” peak output current (Note 1)
P30–P36
“H” average output current (Note 2)
P00–P07, P10–P14, P20–P27, P30–P37
“L” average output current (Note 2)
P00–P07, P10–P14, P20–P27, P37
“L” average output current (Note 2)
P30–P36
Internal clock oscillation frequency (Note 3)
VCC = 4.0 to 5.5 V
at ceramic oscillation or external clock input
Double-speed mode
Internal clock oscillation frequency (Note 3)
VCC = 2.4 to 5.5 V
at ceramic oscillation or external clock input
Double-speed mode
Internal clock oscillation frequency (Note 3)
VCC = 4.0 to 5.5 V
at ceramic oscillation or external clock input
High-, Middle-speed mode
Internal clock oscillation frequency (Note 3)
VCC = 2.4 to 5.5 V
at ceramic oscillation or external clock input
High-, Middle-speed mode
Internal clock oscillation frequency (Note 3)
VCC = 4.0 to 5.5 V
at RC oscillation
High-, Middle-speed mode
Internal clock oscillation frequency (Note 3)
VCC = 2.4 to 5.5 V
at RC oscillation
High-, Middle-speed mode
mA
mA
mA
mA
mA
mA
MHz
MHz
MHz
MHz
MHz
MHz
Symbol
Parameter
Limits
Unit
Max.
Typ.
Min.
–10
10
30
–5
5
15
4
2
8
4
4
2
Notes 1: The peak output current is the peak current flowing in each port.
2: The average output current IOL (avg), IOH (avg) in an average value measured over 100 ms.
3: When the oscillation frequency has a duty cycle of 50 %.
IOH(peak)
IOL(peak)
IOL(peak)
IOH(avg)
IOL(avg)
IOL(avg)
f(XIN)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com