Electronic Components Datasheet Search
  English  ▼

X  

7540 Datasheet(PDF) 248 Page - Renesas Technology Corp

Part # 7540
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 740 SERIES
PDF  366 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7540 Datasheet(HTML) 248 Page - Renesas Technology Corp

Back Button 7540 Datasheet HTML 244Page - Renesas Technology Corp 7540 Datasheet HTML 245Page - Renesas Technology Corp 7540 Datasheet HTML 246Page - Renesas Technology Corp 7540 Datasheet HTML 247Page - Renesas Technology Corp 7540 Datasheet HTML 248Page - Renesas Technology Corp 7540 Datasheet HTML 249Page - Renesas Technology Corp 7540 Datasheet HTML 250Page - Renesas Technology Corp 7540 Datasheet HTML 251Page - Renesas Technology Corp 7540 Datasheet HTML 252Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 248 / 366 page
background image
3-26
REJ09B0018-0200Z
Rev.2.00
Jun 21, 2004
APPENDIX
7540 Group
3.1 Electrical characteristics
Table 3.1.27 Electrical characteristics (2)
(VCC = 2.4 to 5.5 V, VSS = 0 V, Ta = –40 to 125 °C, unless otherwise noted)
Min.
Typ.
Max.
Symbol
Limits
Unit
8.0
1.5
5.0
1000
3.2
450
1.0
50
6.5
1.2
5.0
900
3.2
450
1.0
50
mA
mA
mA
µA
mA
mA
µA
mA
µA
µA
mA
mA
mA
µA
mA
mA
µA
mA
µA
µA
ICC
5.0
0.5
2.0
350
1.6
0.2
150
0.5
0.1
3.5
0.4
2.0
300
1.6
0.2
150
0.5
0.1
High-speed mode, f(XIN) = 8 MHz
Output transistors “off”
High-speed mode, f(XIN) = 2 MHz, VCC = 2.4 V
Output transistors “off”
Middle-speed mode, f(XIN) = 8 MHz,
Output transistors “off”
On-chip oscillator operation mode, VCC = 5 V
Output transistors “off”
f(XIN) = 8 MHz (in WIT state),
functions except timer 1 disabled,
Output transistors “off”
f(XIN) = 2 MHz, VCC = 2.4 V (in WIT state),
functions except timer 1 disabled,
Output transistors “off”
On-chip oscillator operation mode, VCC = 5V (in WIT state),
functions except timer 1 disabled, Output transistors “off”
Increment when A/D conversion is executed
f(XIN) = 8 MHz, VCC = 5 V
All oscillation stopped
(in STP state)
Output transistors “off”
High-speed mode, f(XIN) = 8 MHz
Output transistors “off”
High-speed mode, f(XIN) = 2 MHz, VCC = 2.4 V
Output transistors “off”
Middle-speed mode, f(XIN) = 8 MHz,
Output transistors “off”
On-chip oscillator operation mode, VCC = 5 V
Output transistors “off”
f(XIN) = 8 MHz (in WIT state),
functions except timer 1 disabled,
Output transistors “off”
f(XIN) = 2 MHz, VCC = 2.4 V (in WIT state),
functions except timer 1 disabled,
Output transistors “off”
On-chip oscillator operation mode, VCC = 5V (in WIT state),
functions except timer 1 disabled, Output transistors “off”
Increment when A/D conversion is executed
f(XIN) = 8 MHz, VCC = 5 V
All oscillation stopped
(in STP state)
Output transistors “off”
Ta = 25 °C
Ta = 125 °C
Test conditions
One Time PROM version
Mask ROM version
Ta = 25 °C
Ta = 125 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com