Electronic Components Datasheet Search
  English  ▼

X  

7540 Datasheet(PDF) 327 Page - Renesas Technology Corp

Part # 7540
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 740 SERIES
PDF  366 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7540 Datasheet(HTML) 327 Page - Renesas Technology Corp

Back Button 7540 Datasheet HTML 323Page - Renesas Technology Corp 7540 Datasheet HTML 324Page - Renesas Technology Corp 7540 Datasheet HTML 325Page - Renesas Technology Corp 7540 Datasheet HTML 326Page - Renesas Technology Corp 7540 Datasheet HTML 327Page - Renesas Technology Corp 7540 Datasheet HTML 328Page - Renesas Technology Corp 7540 Datasheet HTML 329Page - Renesas Technology Corp 7540 Datasheet HTML 330Page - Renesas Technology Corp 7540 Datasheet HTML 331Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 327 / 366 page
background image
3-105
REJ09B0018-0200Z
Rev.2.00
Jun 21, 2004
7540 Group
APPENDIX
3.5 List of registers
Fig. 3.5.13 Structure of Timer A register
Fig. 3.5.14 Structure of Timer Y, Z mode register
Timer A register (low-order, high-order)
b7 b6 b5 b4 b3 b2 b1 b0
B
Function
At reset
RW
0
1
2
3
4
5
6
7
1
1
1
1
1
1
1
1
Timer A register (low-order, high-order) (TAL, TAH) [Address : 1E 16, 1F16]
•Set a count value of timer A.
•The value set in this register is written to both timer A and timer A
latch at the same time.
•When this register is read out, the timer A’s count value is read
out.
Notes 1: Be sure to write to/read out both the low-order of timer A (TAL) and the high-
order of timer A (TAH).
2: Read the high-order of timer A (TAH) first, and the high-order of timer A (TAL) next.
3: Write to the low-order of timer A (TAL) first, and the high-order of timer A (TAH) next.
4: Do not write to them during read, and do not read out them during write.
Timer Y, Z mode register
b7 b6 b5 b4 b3 b2 b1 b0
B
Function
At reset
RW
0
1
2
3
4
5
6
7
Name
0
0
0
0
0
0
0
0
Nothing is allocated for this bit. This is a write disabled bit.
When this bit is read out, the value is “0”.
Timer Y, Z mode register (TYZM) [Address : 20 16)
Timer Y operating mode bit
0 : Timer mode
1 : Programmable waveform
generation mode
Timer Y write control bit
(Note)
0 : Write to latch and timer
simultaneously
1 : Write to only latch
Timer Y count stop bit
0 : Count start
1 : Count stop
Timer Z operating mode bits
b5 b4
0 0 : Timer mode
0 1 : Programmable waveform
generation mode
1 0 : Programmable one-shot
generation mode
1 1 : Programmable wait one-shot
generation mode
Timer Z write control bit
(Note)
0 : Write to latch and timer
simultaneously
1 : Write to only latch
Timer Z count stop bit
0 : Count start
1 : Count stop
✕
Note: When modes other than the timer mode, set these bits to “1”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com