Electronic Components Datasheet Search
  English  ▼

X  

7540 Datasheet(PDF) 328 Page - Renesas Technology Corp

Part # 7540
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 740 SERIES
PDF  366 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7540 Datasheet(HTML) 328 Page - Renesas Technology Corp

Back Button 7540 Datasheet HTML 324Page - Renesas Technology Corp 7540 Datasheet HTML 325Page - Renesas Technology Corp 7540 Datasheet HTML 326Page - Renesas Technology Corp 7540 Datasheet HTML 327Page - Renesas Technology Corp 7540 Datasheet HTML 328Page - Renesas Technology Corp 7540 Datasheet HTML 329Page - Renesas Technology Corp 7540 Datasheet HTML 330Page - Renesas Technology Corp 7540 Datasheet HTML 331Page - Renesas Technology Corp 7540 Datasheet HTML 332Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 328 / 366 page
background image
3-106
REJ09B0018-0200Z
Rev.2.00
Jun 21, 2004
APPENDIX
7540 Group
3.5 List of registers
Fig. 3.5.15 Structure of Prescaler Y, Prescaler Z
Fig. 3.5.16 Structure of Timer Y secondary, Timer Z secondary
Prescaler Y, Prescaler Z
b7b6b5b4b3b2b1b0
B
Function
At reset
RW
0
1
2
3
4
5
6
7
1
1
1
1
1
1
1
1
Prescaler Y (PREY) [Address : 2116]
Prescaler Z (PREZ) [Address : 2516]
• Set a count value of each prescaler.
• While the corresponding timer is stopped, the value set in this
register is written to both prescaler
and the corresponding prescaler latch at the same time.
• While the corresponding timer is operating, the value set in this
register is written to as follows;
When the timer write control bit is “0”, the value is written to
prescaler latch and prescaler at the same time.
When the timer write control bit is “1”, the value is written to
prescaler latch only.
• When this register is read out, the count value of the
corresponding prescaler is read out.
Timer Y secondary, Timer Z secondary
b7 b6 b5 b4 b3 b2 b1 b0
B
Function
At reset
RW
0
1
2
3
4
5
6
7
1
1
1
1
1
1
1
1
Timer Y secondary, Timer Z secondary (TYS, TZS) [Address : 22 16, 2616]
•Set a count value of the corresponding timer.
•The value set in this register is written to the corresponding
secondary latch at the same time.
•These are read disabled bits.
When these bits are read out, the values are undefined.
✕
✕
✕
✕
✕
✕
✕
✕



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com