Electronic Components Datasheet Search
  English  ▼

X  

7540 Datasheet(PDF) 326 Page - Renesas Technology Corp

Part # 7540
Description  8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 740 SERIES
PDF  366 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7540 Datasheet(HTML) 326 Page - Renesas Technology Corp

Back Button 7540 Datasheet HTML 322Page - Renesas Technology Corp 7540 Datasheet HTML 323Page - Renesas Technology Corp 7540 Datasheet HTML 324Page - Renesas Technology Corp 7540 Datasheet HTML 325Page - Renesas Technology Corp 7540 Datasheet HTML 326Page - Renesas Technology Corp 7540 Datasheet HTML 327Page - Renesas Technology Corp 7540 Datasheet HTML 328Page - Renesas Technology Corp 7540 Datasheet HTML 329Page - Renesas Technology Corp 7540 Datasheet HTML 330Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 326 / 366 page
background image
3-104
REJ09B0018-0200Z
Rev.2.00
Jun 21, 2004
APPENDIX
7540 Group
3.5 List of registers
Fig. 3.5.12 Structure of Timer A mode register
b7 b6 b5 b4 b3 b2 b1 b0
B
Function
At reset
RW
Name
Timer A mode register (TAM) [Address : 1D 16]
Timer A mode register
4
6
7
0
0
0
0 0 : Timer mode
0 1 : Period measurement mode
1 0 : Event counter mode
1 1 : Pulse width HL continuously
measurement mode
b5 b4
5
0
Timer A operating mode bits
CNTR1 active edge switch bit
The function depends on the
operating mode.
(Refer to Table 3.5.1)
Timer A count stop bit
0 : Count start
1 : Count stop
0
1
2
3
0
0
Nothing is allocated for these bits. These are write disabled bits.
When these bits are read out, the values are “0”.
✕
✕
✕
0
0
✕
Timer A operating modes
Timer mode
Period measurement mode
Event counter mode
Pulse width HL continuously
measurement mode
CNTR1 active edge switch bit
“0” CNTR1 interrupt request occurrence: Falling edge
; No influence to timer A count
“1” CNTR1 interrupt request occurrence: Rising edge
; No influence to timer A count
“0” Pulse output start: Falling edge period measurement
CNTR1 interrupt request occurrence: Falling edge
“1” Pulse output start: Rising edge period measurement
CNTR1 interrupt request occurrence: Rising edge
“0” Timer A: Rising edge count
CNTR1 interrupt request occurrence: Falling edge
“1” Timer A: Falling edge count
CNTR1 interrupt request occurrence: Rising edge
“0” CNTR1 interrupt request occurrence: Falling edge and rising edge
; No influence to timer A count
“1” CNTR1 interrupt request occurrence: Rising edge and falling edge
; No influence to timer A count
Table 3.5.1 CNTR1 active edge switch bit function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com