Electronic Components Datasheet Search
  English  ▼

X  

SH77640 Datasheet(PDF) 69 Page - Renesas Technology Corp

Part # SH77640
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC Engine Family SH-4A Series
PDF  1752 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH77640 Datasheet(HTML) 69 Page - Renesas Technology Corp

Back Button SH77640 Datasheet HTML 65Page - Renesas Technology Corp SH77640 Datasheet HTML 66Page - Renesas Technology Corp SH77640 Datasheet HTML 67Page - Renesas Technology Corp SH77640 Datasheet HTML 68Page - Renesas Technology Corp SH77640 Datasheet HTML 69Page - Renesas Technology Corp SH77640 Datasheet HTML 70Page - Renesas Technology Corp SH77640 Datasheet HTML 71Page - Renesas Technology Corp SH77640 Datasheet HTML 72Page - Renesas Technology Corp SH77640 Datasheet HTML 73Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 1752 page
background image
Section 1 Overview
Rev. 1.00 Nov. 22, 2007 Page 13 of 1692
REJ09B0360-0100
Debugging
H-UDI
UBC
SHwyPR
ini
64
ini
64
ini
64
ini
64
tgt
64
ini
64
tgt
64
tgt
64
tgt
64
tgt
64
tgt
64
tgt
64
SuperHyway bus (108 MHz max., 64 bits)
HPB bridge
Super-
Hyway
bridge
Super-
Hyway
bridge
USB
controller
EtherC
E-DMAC
Ether
USB
SSI (6 channels)
PHY
INTC
32
16
16
16
16
16
16
8
16
16
32
32
8
32
32
32
32
32
32
32
32
32
32
64
64
64
128
128
32
32
32
32
32
32
FLCTL
WDT
WDT
Reset
GPIO
CPG
SRC
SCIF0
SCIF1
IIC
TMU (6 channels)
TMU (3 channels)
TMU (3 channels)
ATAPI
G2D
VDC2
SuperHyway I/F
MCU
Request arbiter
SDRAM controller
Local bus controller
[Legend]
ATAPI:
ATAPI controller
CPG:
Clock pulse generator
CPU:
Central processing unit
DMAC:
Direct memory access controller
E-DMAC: Direct memory access controller
for Ethernet controller
EtherC:
Ethernet controller
FLCTL:
NAND flash memory controller
FPU:
Floating-point unit
GPIO:
General I/O
G2D:
2D graphics engine
HPB:
Peripheral bus bridge
H-UDI:
User debugging interface
IIC:
I
2C bus interface
INTC:
Interrupt controller
LCDC:
LCD controller
ILRAM:
IL memory
MCU:
Memory controller unit
MMU:
Memory management unit
SCIF:
Serial communication interface with FIFO
SHwpPR:
SuperHyway bus packet router
SRC:
Sampling rate converter
SSI:
Serial sound interface
SSI-DMAC: DMAC for serial sound interface
TMU:
Timer unit
UBC:
User break controller
USB:
USB host/function interface
VDC2:
Video display controller 2
WDT:
Watchdog timer
ini:
Port for outputting requests to the bus
tgt:
Port for receiving requests from the bus
SuperHyway bridge
DMAC
(6 channels)
DMAC (6 channels)
SH-4A (324 MHz max.)
Cache
CPU
FPU
ILRAM
MMU
SSI
Super-
Hyway
bridge
SSI-DMAC
32
32
LCDC
Pixel bus I/F
LCDC I/F
32
128
128
32
SCIF2
16
16
256
32
32
Figure 1.1 Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com