Electronic Components Datasheet Search
  English  ▼

X  

SH77640 Datasheet(PDF) 22 Page - Renesas Technology Corp

Part # SH77640
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC Engine Family SH-4A Series
PDF  1752 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH77640 Datasheet(HTML) 22 Page - Renesas Technology Corp

Back Button SH77640 Datasheet HTML 18Page - Renesas Technology Corp SH77640 Datasheet HTML 19Page - Renesas Technology Corp SH77640 Datasheet HTML 20Page - Renesas Technology Corp SH77640 Datasheet HTML 21Page - Renesas Technology Corp SH77640 Datasheet HTML 22Page - Renesas Technology Corp SH77640 Datasheet HTML 23Page - Renesas Technology Corp SH77640 Datasheet HTML 24Page - Renesas Technology Corp SH77640 Datasheet HTML 25Page - Renesas Technology Corp SH77640 Datasheet HTML 26Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 1752 page
background image
Rev. 1.00 Nov. 22, 2007 Page xxii of lvi
20.2.15 Receive Buffer Write Address Register (RBWAR).............................................. 777
20.2.16 Receive Descriptor Fetch Address Register (RDFAR)......................................... 778
20.2.17 Transmit Buffer Read Address Register (TBRAR) .............................................. 779
20.2.18 Transmit Descriptor Fetch Address Register (TDFAR) ....................................... 780
20.2.19 Flow Control Start FIFO Threshold Setting Register (FCFTR) ........................... 781
20.2.20 Receive Data Padding Insert Register (RPADIR) ................................................ 783
20.2.21 Transmit Interrupt Setting Register (TRIMD) ...................................................... 784
20.2.22 Independent Output Signal Setting Register (IOSR) ............................................ 785
20.3
Operation ........................................................................................................................... 786
20.3.1 Descriptor Lists and Data Buffers......................................................................... 786
20.3.2 Transmission......................................................................................................... 795
20.3.3 Reception .............................................................................................................. 797
20.3.4 Transmit/Receive Processing of Multi-Buffer Frame
(Single-Frame/ Multi-Descriptor)......................................................................... 799
Section 21 USB 2.0 Host/Function Module (USB)........................................... 801
21.1
Features.............................................................................................................................. 801
21.2
Input / Output Pins.............................................................................................................804
21.3
Register Description .......................................................................................................... 805
21.3.1 System Configuration Control Register (SYSCFG) ............................................. 811
21.3.2 CPU Bus Wait Setting Register (BUSWAIT) ...................................................... 815
21.3.3 System Configuration Status Register (SYSSTS)................................................. 816
21.3.4 Device State Control Register (DVSTCTR) ......................................................... 818
21.3.5 Test Mode Register (TESTMODE) ...................................................................... 823
21.3.6 DMA-FIFO Bus Configuration Registers (D0FBCFG, D1FBCFG) .................... 826
21.3.7 FIFO Port Registers (CFIFO, D0FIFO, D1FIFO) ................................................ 827
21.3.8 FIFO Port Select Registers (CFIFOSEL, D0FIFOSEL, D1FIFOSEL)................. 830
21.3.9 FIFO Port Control Registers (CFIFOCTR, D0FIFOCTR, D1FIFOCTR) ............ 837
21.3.10 Interrupts Enable Register 0 (INTENB0) ............................................................. 841
21.3.11 Interrupt Enable Register 1 (INTENB1)............................................................... 843
21.3.12 BRDY Interrupt Enable Register (BRDYENB) ................................................... 845
21.3.13 NRDY Interrupt Enable Register (NRDYENB) ................................................... 847
21.3.14 BEMP Interrupt Enable Register (BEMPENB).................................................... 849
21.3.15 SOF Control Register (SOFCFG) ......................................................................... 851
21.3.16 Interrupt Status Register 0 (INTSTS0) ................................................................. 852
21.3.17 Interrupt Status Register 1 (INTSTS1) ................................................................. 858
21.3.18 BRDY Interrupt Status Register (BRDYSTS)...................................................... 864
21.3.19 NRDY Interrupt Status Register (NRDYSTS) ..................................................... 866
21.3.20 BEMP Interrupt Status Register (BEMPSTS) ...................................................... 868
21.3.21 Frame Number Register (FRMNUM) .................................................................. 869



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com