Electronic Components Datasheet Search
  English  ▼

X  

SH77640 Datasheet(PDF) 19 Page - Renesas Technology Corp

Part # SH77640
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC Engine Family SH-4A Series
PDF  1752 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH77640 Datasheet(HTML) 19 Page - Renesas Technology Corp

Back Button SH77640 Datasheet HTML 15Page - Renesas Technology Corp SH77640 Datasheet HTML 16Page - Renesas Technology Corp SH77640 Datasheet HTML 17Page - Renesas Technology Corp SH77640 Datasheet HTML 18Page - Renesas Technology Corp SH77640 Datasheet HTML 19Page - Renesas Technology Corp SH77640 Datasheet HTML 20Page - Renesas Technology Corp SH77640 Datasheet HTML 21Page - Renesas Technology Corp SH77640 Datasheet HTML 22Page - Renesas Technology Corp SH77640 Datasheet HTML 23Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 1752 page
background image
Rev. 1.00 Nov. 22, 2007 Page xix of lvi
17.3.8 Descriptor Table ................................................................................................... 602
17.3.9 Termination Flag and Descriptor DMA Start Address ......................................... 603
17.3.10 Descriptor DMA Transfer Count .......................................................................... 604
17.3.11 DMA Start Address Register (ATAPI_DMA_START_ADR)............................. 605
17.3.12 DMA Transfer Count Register (ATAPI_DMA_TRANS_CNT) .......................... 606
17.3.13 ATAPI Control 2 (ATAPI_CONTROL2) ............................................................ 607
17.3.14 ATAPI Signal Status Register (ATAPI_SIG_ST) ................................................ 608
17.3.15 Byteswap (ATAPI_BYTE_SWAP)...................................................................... 609
17.3.16 ATAPI Data Bus Alignment ................................................................................. 610
17.4
Functional Description....................................................................................................... 611
17.4.1 Data Transfer Modes ............................................................................................ 611
17.4.2 Descriptor Function .............................................................................................. 611
17.5
Operating Procedure .......................................................................................................... 612
17.5.1 Initialization .......................................................................................................... 612
17.5.2 Procedure in PIO Transfer Mode .......................................................................... 612
17.5.3 Procedure in Multiword DMA Transfer Mode ..................................................... 613
17.5.4 Procedure in Ultra DMA Transfer Mode .............................................................. 616
17.5.5 Procedure in Hardware Reset for ATAPI Device ................................................. 617
Section 18 Serial Sound Interface (SSI) ............................................................619
18.1
Features.............................................................................................................................. 619
18.1.1 SSI Module Configuration.................................................................................... 619
18.1.2 SSI Features .......................................................................................................... 619
18.2
Input/Output Pins ...............................................................................................................621
18.3
Register Descriptions ......................................................................................................... 621
18.3.1 DMA Mode Registers 0 to 5 (SSIDMMR0 to SSIDMMR5)................................ 633
18.3.2 RDMA Transfer Source Address Registers 0 to 5
(SSIRDMADR0 to SSIRDMADR5) .................................................................... 634
18.3.3 RDMA Transfer Word Count Registers 0 to 5
(SSIRDMCNTR0 to SSIRDMCNTR5)................................................................ 635
18.3.4 WDMA Transfer Destination Address Registers 0 to 5
(SSIWDMADR0 to SSIWDMADR5) .................................................................. 637
18.3.5 WDMA Transfer Word Count Registers 0 to 5
(SSIWDMCNTR0 to SSIWDMCNTR5).............................................................. 637
18.3.6 DMA Control Registers 0 to 5 (SSIDMCOR0 to SSIDMCOR5)......................... 638
18.3.7 Transmit Suspension Block Counters 0 to 5
(SSISTPBLCNT0 to SSISTPBLCNT5) ............................................................... 649
18.3.8 Transmit Suspension Transfer Data Registers 0 to 5
(SSISTPDR0 to SSISTPDR5) .............................................................................. 650
18.3.9 Block Count Source Registers 0 to 5 (SSIBLCNTSR0 to SSIBLCNTSR5) ........ 651



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com