Electronic Components Datasheet Search
  English  ▼

X  

7220 Datasheet(PDF) 117 Page - Renesas Technology Corp

Part # 7220
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  303 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7220 Datasheet(HTML) 117 Page - Renesas Technology Corp

Back Button 7220 Datasheet HTML 113Page - Renesas Technology Corp 7220 Datasheet HTML 114Page - Renesas Technology Corp 7220 Datasheet HTML 115Page - Renesas Technology Corp 7220 Datasheet HTML 116Page - Renesas Technology Corp 7220 Datasheet HTML 117Page - Renesas Technology Corp 7220 Datasheet HTML 118Page - Renesas Technology Corp 7220 Datasheet HTML 119Page - Renesas Technology Corp 7220 Datasheet HTML 120Page - Renesas Technology Corp 7220 Datasheet HTML 121Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 303 page
background image
2-90
7220 Group User’s Manual
FUNCTIONAL DESCRIPTION
2.13 Software runaway detect function
Fig. 2.13.1 Sequence at detecting software runaway detection
2.13 Software runaway detect function
The M37221M6-XXXSP/FP has a function to decode undefined instructions to detect a software runaway.
When an undefined op-code is input to the CPU as an instruction code during operation of the M37221M6-
XXXSP/FP, the following processing is done.
Œ The CPU generates an undefined instruction decoding signal.
 The device is internally reset because of occurrence of the undefined instruction decoding signal.
Ž As a result of internal reset, the same reset processing as in the case of ordinary reset operation is done,
and the program restarts from the reset vector.
Note, however, that the software runaway detecting function cannot be invalid.
ADH,
ADL
01,S–2
01,S–1
PCH
PCL
PS
ADH
ADL
PC
?
?
: Undefined instruction decode
?
Undefined instruction decoding signal occurs.
Internal reset signal occurs.
φ
SYNC
Address
Data
Reset sequence
01,S
FFFE16
FFFF16
: Invalid
: Program counter
S
: Stack pointer
PC
ADL, ADH : Jump destination address of reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com