Electronic Components Datasheet Search
  English  ▼

X  

7220 Datasheet(PDF) 120 Page - Renesas Technology Corp

Part # 7220
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  303 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7220 Datasheet(HTML) 120 Page - Renesas Technology Corp

Back Button 7220 Datasheet HTML 116Page - Renesas Technology Corp 7220 Datasheet HTML 117Page - Renesas Technology Corp 7220 Datasheet HTML 118Page - Renesas Technology Corp 7220 Datasheet HTML 119Page - Renesas Technology Corp 7220 Datasheet HTML 120Page - Renesas Technology Corp 7220 Datasheet HTML 121Page - Renesas Technology Corp 7220 Datasheet HTML 122Page - Renesas Technology Corp 7220 Datasheet HTML 123Page - Renesas Technology Corp 7220 Datasheet HTML 124Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 303 page
background image
2-93
7220 Group User’s Manual
2.14 Low-power dissipation mode
2.14.2 Wait mode
The wait mode is set by executing the WIT instruction.
In the wait mode, only the internal clock
φ stops with supplying f(XIN) continuously.
In this case, there is no need to create a wait time by timers as in the case of return from the stop mode,
and operation is restarted immediately after return from the wait state.
When reset input or interrupt is accepted, supply of the internal clock
φ is immediately started, and the
device is returned from the wait state. Because the clock f(XIN) is continuously supplied in the wait state,
return by an internal interrupt as a timer, etc. can also be used.
Table 2.14.2 State in wait mode
The following 2 kinds of interrupts can be used to return from the stop mode to the ordinary mode.
Œ INT1 interrupt
 INT2 interrupt
Ž INT3 interrupt
Figure 2.14.4 shows a transitions of low-power dissipation mode.
Table 2.14.3 Invalid interrupts in the wait mode
Fig. 2.14.3 Reset input time
2.14.3 Interrupts in low-power dissipation mode
The following 4 kinds of interrupts are invalid in the wait mode. Therefore, 4 interrupts below cannot be
used to return from the wait mode to the ordinary mode.
Oscillation
CPU
Internal clock
φ
I/O ports
Timer, CRT display functions
Operating
Stop
Stop at HIGH level
State where WIT instruction is executed is held.
Operating
State in wait mode
Item
Interrupt source
Reason
Condition
VSYNC interrupt
CRT interrupt
Timer 2 interrupt
Timer 3 interrupt
—
Count source is input from pin P24/TIM2.
Count source is input from pin P23/TIM3.
The interrupt request bit cannot be set.
The count source cannot be supplied.
The count source cannot be supplied.
RESET
XIN
VCC
Execute WIT instruction
Returned by reset input
Wait mode
2
µs or more
Oscillation stabilizing time
(Note)
Time to hold internal reset state =
approximately 32768 cycles of XIN
input
FUNCTIONAL DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com