Electronic Components Datasheet Search
  English  ▼

X  

7220 Datasheet(PDF) 122 Page - Renesas Technology Corp

Part # 7220
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  303 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7220 Datasheet(HTML) 122 Page - Renesas Technology Corp

Back Button 7220 Datasheet HTML 118Page - Renesas Technology Corp 7220 Datasheet HTML 119Page - Renesas Technology Corp 7220 Datasheet HTML 120Page - Renesas Technology Corp 7220 Datasheet HTML 121Page - Renesas Technology Corp 7220 Datasheet HTML 122Page - Renesas Technology Corp 7220 Datasheet HTML 123Page - Renesas Technology Corp 7220 Datasheet HTML 124Page - Renesas Technology Corp 7220 Datasheet HTML 125Page - Renesas Technology Corp 7220 Datasheet HTML 126Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 303 page
background image
2-95
7220 Group User’s Manual
2.15 Reset
Fig. 2.15.1 Timing diagram at reset
2.15 Reset
To reset the microcomputer, applied LOW level to pin RESET for 2
µs or more. Reset is released when
HIGH level is applied to pin RESET, and the program starts from the address indicated with the reset vector
table.
2.15.1 Reset operation
If pin RESET is returned to an HIGH level after being held LOW for 2
µs or more when the power source
voltage is within the recommended range (4.5 V to 5.5 V), timers 3 and 4 are connected by hardware with
internally reset state (internal timing signal
φ is not supplied).
At this time, “FF16” is set to timer 3, and “0716” is set to timer 4. Timer 3 counts down f(XIN)/16 as its count
source; timer 4 counts down the timer 3 overflow signal (even when the device is in internally reset state,
f(XIN) is continuously supplied to timer 3).
The internal reset is released by timer 4 overflow, and the program is started from an address determined
with the contents of address FFFF16 (as high-order address) and contents of address FFFE16 (as low-order
address). Figure 2.15.1 shows this sequence.
ADH,
ADL
01,S–2
01,S–1
PCH
PCL
PS
ADH
ADL
?
?
01,S
FFFE16
FFFF16
?
?
φ
SYNC
Address
Data
RESET
Internal
reset
XIN
Notes 1: f(XIN) and f(
φ) are in the relation : f(XIN) = 2•f(φ).
2: A question mark (?) indicates an undefined state that depends on the previous state.
3: Immediately after a reset, timer 3 and timer 4 are connected by hardware. At this time, “FF16”
is set in timer 3 and “0716” is set to timer 4. Timer 3 counts down with f(XIN)/16, and reset
state is released by the timer 4 overflow signal.
32,768 counts of f(XIN) by
timers 3 and 4
FUNCTIONAL DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com