Electronic Components Datasheet Search
  English  ▼

X  

7220 Datasheet(PDF) 126 Page - Renesas Technology Corp

Part # 7220
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  303 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7220 Datasheet(HTML) 126 Page - Renesas Technology Corp

Back Button 7220 Datasheet HTML 122Page - Renesas Technology Corp 7220 Datasheet HTML 123Page - Renesas Technology Corp 7220 Datasheet HTML 124Page - Renesas Technology Corp 7220 Datasheet HTML 125Page - Renesas Technology Corp 7220 Datasheet HTML 126Page - Renesas Technology Corp 7220 Datasheet HTML 127Page - Renesas Technology Corp 7220 Datasheet HTML 128Page - Renesas Technology Corp 7220 Datasheet HTML 129Page - Renesas Technology Corp 7220 Datasheet HTML 130Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 303 page
background image
2-99
7220 Group User’s Manual
2.15 Reset
2.15.3 Notes for poweron reset
When poweron reset, set the external reset circuit
so that the reset input voltage must be kept 0.6 V
or less until the power source voltage reaches
4.5 V after the power is turned on.
Set the external reset circuit so that the reset input
voltage must be kept 0.6 V or less when the power
source voltage falls 4.5 V after the power is turned
off.
Figures 2.15.5 to 2.15.7 show examples of external
reset circuit.
Fig. 2.15.5 Voltage at poweron reset
Fig. 2.15.7 Example of reset circuit (2)
Fig. 2.15.6 Example of reset circuit (1)
M37221M6-
XXXSP/FP
VSS
RESET
VCC
RESET
VCC
M37221M6-
XXXSP/FP
VSS
VCC
M37221M6-
XXXSP/FP
RESET
Poweron
0 V
0.6 V
0 V
4.5 V
Power source
voltage
Reset input
voltage
FUNCTIONAL DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com