Electronic Components Datasheet Search
  English  ▼

X  

7220 Datasheet(PDF) 160 Page - Renesas Technology Corp

Part # 7220
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  303 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7220 Datasheet(HTML) 160 Page - Renesas Technology Corp

Back Button 7220 Datasheet HTML 156Page - Renesas Technology Corp 7220 Datasheet HTML 157Page - Renesas Technology Corp 7220 Datasheet HTML 158Page - Renesas Technology Corp 7220 Datasheet HTML 159Page - Renesas Technology Corp 7220 Datasheet HTML 160Page - Renesas Technology Corp 7220 Datasheet HTML 161Page - Renesas Technology Corp 7220 Datasheet HTML 162Page - Renesas Technology Corp 7220 Datasheet HTML 163Page - Renesas Technology Corp 7220 Datasheet HTML 164Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 160 / 303 page
background image
M37220M3-XXXSP/FP
4.5 Functional description
7220 Group User’s Manual
4-22
Block number
Block 1
Block 2
Character code
0016
0116
0216
0316
:
7E16
7F16
Right 4 side 8 dots
1080016 to 1080F16
1081016 to 1081F16
1082016 to 1082F16
1083016 to 1083F16
:
10FE016 to 10FEF16
10FF016 to 10FFF16
Left side 8 dots
1000016 to 1000F16
1001016 to 1001F16
1002016 to 1002F16
1003016 to 1003F16
:
107E016 to 107EF16
107F016 to 107EF16
The character code used to specify a display character is determined based on the address in the
CRT display ROM in which that character data is stored.
Assume that 1 character data is stored in addresses 10XX016 to 10XXF16 (XX denotes 0016 to 7F16)
and 10YY016 to 10YYF16 (YY denotes “XX+80016”), then the character code is “XX16.”
In other words, a character code is constructed with the low-order second and third digits (hexadecimal
notation) of the 5-digit address (1000016 to 107FF16) where that character data is stored.
A character code is “YY16” in addresses 1100016 to 11FFF16.
Table 4.5.6 shows the character code table.
Not used
s CRT display RAM (addresses 060016 to 06B316)
CRT display RAM is assigned to addresses 060016 to 06B316. Table 4.5.7 shows the contents of
CRT display RAM.
Table 4.5.6 Character code table (be omitted partly)
Character data stored address
Table 4.5.7 Contents of CRT display RAM
Display position (from left side)
1st character
2nd character
3rd character
:
18th character
19th character
20th character
1st character
2nd character
3rd character
:
18th character
19th character
20th character
060016
060116
060216
:
061116
061216
061316
061416
to
061F16
062016
062116
062216
:
063116
063216
063316
Character code specifying
Color specifying
068016
068116
068216
:
069116
069216
069316
069416
:
069F16
06A016
06A116
06A216
:
06116
06216
06316



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com