Electronic Components Datasheet Search
  English  ▼

X  

7220 Datasheet(PDF) 163 Page - Renesas Technology Corp

Part # 7220
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  303 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7220 Datasheet(HTML) 163 Page - Renesas Technology Corp

Back Button 7220 Datasheet HTML 159Page - Renesas Technology Corp 7220 Datasheet HTML 160Page - Renesas Technology Corp 7220 Datasheet HTML 161Page - Renesas Technology Corp 7220 Datasheet HTML 162Page - Renesas Technology Corp 7220 Datasheet HTML 163Page - Renesas Technology Corp 7220 Datasheet HTML 164Page - Renesas Technology Corp 7220 Datasheet HTML 165Page - Renesas Technology Corp 7220 Datasheet HTML 166Page - Renesas Technology Corp 7220 Datasheet HTML 167Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 163 / 303 page
background image
M37220M3-XXXSP/FP
4.5 Functional description
4-25
7220 Group User’s Manual
Fig. 4.5.15 CRT control register (address 00EA16)
b7 b6 b5 b4 b3 b2 b1 b0
CRT control register (CC) [Address 00EA 16]
B
Name
Functions
After reset R W
CRT Control Register
0
All-blocks display control
bit (Note) (CC0)
0 : All-blocks display off
1 : All-blocks display on
0
1
Block 1 display control bit
(CC1)
0 : Block 1 display off
1 : Block 1 display on
0
2
0 : Block 2 display off
1 : Block 2 display on
0
3
to
7
0
Note: Display is controlled by logical product (AND) between the all-blocks display
control bit and each block control bit.
Nothing is assigned. These bits are write disable bits.
When these bits are read out, the values are “0.”
Block 2 display control bit
(CC2)
RW
RW
RW
R—
Fig. 4.5.16 CRT port control register (address 00EC16)
b7 b6 b5 b4 b3 b2 b1 b0
CRT port control register (CRTP) [Address 00EC 16]
B
Name
Functions
After reset R W
CRT Port Control Register
0HSYNC input polarity
switch bit (HSYC)
0 : Positive polarity
1 : Negative polarity
0
1
0 : Positive polarity
1 : Negative polarity
0
2
R, G, B output polarity
switch bit (R/G/B)
0 : Positive polarity
1 : Negative polarity
0
0
3
4
OUT output polarity
switch bit (OUT)
0 : Positive polarity
1 : Negative polarity
0
5
R signal output switch bit
(OP5)
0 : R signal output
1 : MUTE signal output
0
6
G signal output switch bit
(OP6)
0 : G signal output
1 : MUTE signal output
0
7
B signal output switch bit
(OP7)
0 : B signal output
1 : MUTE signal output
0
VSYNC input polarity
switch bit (VSYC)
Nothing is assigned. This bit is a write disable bit.
When this bit is read out, the value is “0.”
RW
RW
RW
R—
RW
RW
RW
RW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com