Electronic Components Datasheet Search
  English  ▼

X  

7220 Datasheet(PDF) 165 Page - Renesas Technology Corp

Part # 7220
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  303 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7220 Datasheet(HTML) 165 Page - Renesas Technology Corp

Back Button 7220 Datasheet HTML 161Page - Renesas Technology Corp 7220 Datasheet HTML 162Page - Renesas Technology Corp 7220 Datasheet HTML 163Page - Renesas Technology Corp 7220 Datasheet HTML 164Page - Renesas Technology Corp 7220 Datasheet HTML 165Page - Renesas Technology Corp 7220 Datasheet HTML 166Page - Renesas Technology Corp 7220 Datasheet HTML 167Page - Renesas Technology Corp 7220 Datasheet HTML 168Page - Renesas Technology Corp 7220 Datasheet HTML 169Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 165 / 303 page
background image
M37220M3-XXXSP/FP
4.5 Functional description
4-27
7220 Group User’s Manual
Fig. 4.5.18 Internal state immediately after reset (2)
F016
F116
F216
F316
F416
F516
F616
F716
F816
F916
FA16
FB16
FC16
FD16
FE16
FF16
E016
E116
E216
E316
E416
E516
E616
E716
E816
E916
EB16
EC16
ED16
EE16
EF16
EA16
Address
CRT control register (CC)
CRT port control register (CRTP)
A-D control register 1 (AD1)
A-D control register 2 (AD2)
Timer 1 (TM1)
Vertical position register 2 (CV2)
Color register 0 (CO0)
Color register 1 (CO1)
Character size register (CS)
Border selection register (MD)
Register
Horizontal position register (HR)
Vertical position register 1 (CV1)
Timer 2 (TM2)
Timer 3 (TM3)
Timer 4 (TM4)
Timer 12 mode register (T12M)
Timer 34 mode register (T34M)
PWM5 register (PWM5)
Interrupt input polarity register (RE)
Test register (TEST)
Interrupt request register 1 (IREQ1)
Interrupt request register 2 (IREQ2)
Interrupt control register 1 (ICON1)
Interrupt control register 2 (ICON2)
Color register 2 (CO2)
Color register 3 (CO3)
CRT clock selection register (CK)
CPU mode register (CPUM)
sSFR Area (addresses E016 to FF16)
State immediately after reset
?
b7
b0
0
?
????
?
?
0
?
????
?
?
???
?
00
00
??
00
00
0
0
?
0016
?
0
0
000
0
0
FF16
0716
FF16
0716
?
?
?
00
0
0
0?
0
1
1
0
0016
1
11
1
00
: “0” immediately after reset
: Undefined immediately
after reset
0
1
?
<
State immediately after reset >
: “1” immediately after reset
0016
0016
0016
0016
0016
0016
0016
0016
0016
0016
0016
0016
0016
0016



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com