Electronic Components Datasheet Search
  English  ▼

X  

7220 Datasheet(PDF) 168 Page - Renesas Technology Corp

Part # 7220
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  303 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7220 Datasheet(HTML) 168 Page - Renesas Technology Corp

Back Button 7220 Datasheet HTML 164Page - Renesas Technology Corp 7220 Datasheet HTML 165Page - Renesas Technology Corp 7220 Datasheet HTML 166Page - Renesas Technology Corp 7220 Datasheet HTML 167Page - Renesas Technology Corp 7220 Datasheet HTML 168Page - Renesas Technology Corp 7220 Datasheet HTML 169Page - Renesas Technology Corp 7220 Datasheet HTML 170Page - Renesas Technology Corp 7220 Datasheet HTML 171Page - Renesas Technology Corp 7220 Datasheet HTML 172Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 168 / 303 page
background image
M37220M3-XXXSP/FP
4.6 Electrical characteristics
7220 Group User’s Manual
4-30
VCC = 5.5 V,
f(XIN) = 8 MHz
VCC = 5.5 V, f(XIN) = 0
VCC = 4.5 V
IOH = –0.5 mA
VCC = 4.5 V
IOL = 0.5 mA
VCC = 4.5 V
IOL = 10.0 mA
VCC = 5.0 V
VCC = 5.0 V
VCC = 5.5 V
VI = 5.5 V
VCC = 5.5 V
VI = 0 V
VCC = 5.5 V
VO = 12 V
Power source current
HIGH output voltage
R, G, B, OUT, D-A,
P10–P17, P20–P27,
P30, P31
LOW output voltage
R, G, B, OUT, D-A,
P00–P0 7
, P10–P1 7,
P20–P23, P30–P32
LOW output voltage
P24–P27
Hysteresis RESET
Hysteresis (Note)
HSYNC, VSYNC, TIM2,
TIM3, INT1, INT2,
INT3, SIN, SCLK
HIGH input leak current
RESET, P00–P07,
P10–P17, P20–P27,
P30–P34, HSYNC,
VSYNC
LOW input leak current
RESET, P00–P07,
P10–P17, P20–P27,
P30–P34, HSYNC,
VSYNC
HIGH output leak current
P00–P05
Electric characteristics (VCC = 5 V ± 10 %, VSS = 0 V, f(XIN) = 8 MHz, Ta = –10 °C to 70 °C, unless otherwise noted)
Test conditions
ICC
VOH
VOL
VT+–VT–
IIZH
IIZL
IOZH
Parameter
Symbol
System operation
Stop mode
CRT OFF
CRT ON
mA
µA
V
V
V
µA
µA
µA
Max.
40
60
300
0.4
3.0
0.7
1.3
5
5
10
Min.
2.4
Typ.
20
30
0.5
0.5
Limits
Unit
Note: P06, P07, P15, P23 and P24 have the hysteresis when these pins are used as interrupt input pins or
timer input pins. P20–P22 have the hysteresis when these pins are used as serial I/O pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com