Electronic Components Datasheet Search
  English  ▼

X  

7220 Datasheet(PDF) 177 Page - Renesas Technology Corp

Part # 7220
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  303 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7220 Datasheet(HTML) 177 Page - Renesas Technology Corp

Back Button 7220 Datasheet HTML 173Page - Renesas Technology Corp 7220 Datasheet HTML 174Page - Renesas Technology Corp 7220 Datasheet HTML 175Page - Renesas Technology Corp 7220 Datasheet HTML 176Page - Renesas Technology Corp 7220 Datasheet HTML 177Page - Renesas Technology Corp 7220 Datasheet HTML 178Page - Renesas Technology Corp 7220 Datasheet HTML 179Page - Renesas Technology Corp 7220 Datasheet HTML 180Page - Renesas Technology Corp 7220 Datasheet HTML 181Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 177 / 303 page
background image
APPLICATION
5.1 Example of multi-line display
7220 Group User’s Manual
5-4
(2)
VSYNC interrupt processing routine
The VSYNC interrupt processing routine consists of; multi-line display start processing and multi-line
display correction processing. The correction processing corrects erroneous multi-line display due to
various influences.
Fig. 5.1.4 Flowchart of VSYNC interrupt processing routine
VSYNC interrupt processing routine
CC :
Line counter :
F_VSYNC :
CV1,CV2 :
V_ICON1, V_ICON2 :
A :
X :
Y :
T :
D :
CRT control register
Counter RAM for line counting
VSYNC flag
Vertical position registers 1, 2
Back up RAM for interrupt control
registers 1, 2 during V SYNC interrupt
Accumulator
Index register X
Index register Y
X modified operation mode flag
Decimal operation mode flag
←“0”
←“0”
←ICON1
←ICON2
←“000000012” Œ
←“000000002” 
←“0”
T
D
V_ICON1
V_ICON2
ICON1 (address 00FE 16)
ICON2 (address 00FF 16)
I
Push registers X, Y, A
F_VSYNC
CRTR (bit 4 at address 00FE 16)
CRTE (bit 4 at address 00FC 16)
CC (address 00EA16)
F_VSYNC
=0
←Enable CRT interrupt
=1
←All blocks display on
RETURN
Setting for
multiple
interrupts
Pass this
process only
once at
display start.
←“0”
←“0”
←“1”
←“0716”
Line counter
←“2”
CV1
←Vertical display start position of the 1st line (block 1)
CV2
←Vertical display start position of the 2nd line (block 2)
CRTR (bit 4 at address 00FE 16)
←“0”
Pop registers X, Y, A
I
ICON1
ICON2
←“1”
←V_ICON1
←V_ICON2
Setting for
multiple
interrupts
←Push ICON1 contents during V SYNC interrupt
←Push ICON2 contents during V SYNC interrupt
←Enable only Timer 1 interrupt
←Enable multipule interrupt set by steps Œ, 
(Refer to “5.1.7 (2)”)
←Disable all interrupts
Note: The multiple interrupt priority of this system
SYNC
> CRT
Correction for
erroneous
multi-line display
(Refer to “5.1.6”)
←Pop ICON 1 and 2 contents during
SYNC
interrupt (Refer to “5.1.7 (2)”)
C
ICON1, ICON2:
CRTE :
CRTR :
Interrupt control registers 1, 2
Bit 4 of interrupt control register 1
<CRT interrupt enable bit>
Bit 4 of interrupt request register 1
<CRT interrupt request bit>
V
interrupt is as below.
Timer 1 > V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com