Electronic Components Datasheet Search
  English  ▼

X  

7220 Datasheet(PDF) 225 Page - Renesas Technology Corp

Part # 7220
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  303 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7220 Datasheet(HTML) 225 Page - Renesas Technology Corp

Back Button 7220 Datasheet HTML 221Page - Renesas Technology Corp 7220 Datasheet HTML 222Page - Renesas Technology Corp 7220 Datasheet HTML 223Page - Renesas Technology Corp 7220 Datasheet HTML 224Page - Renesas Technology Corp 7220 Datasheet HTML 225Page - Renesas Technology Corp 7220 Datasheet HTML 226Page - Renesas Technology Corp 7220 Datasheet HTML 227Page - Renesas Technology Corp 7220 Datasheet HTML 228Page - Renesas Technology Corp 7220 Datasheet HTML 229Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 225 / 303 page
background image
APPENDIX
6.3 Notes on use
7220 Group User’s Manual
6-6
(2)
How to switch an external interrupt detection
edge
For the products able to switch the external
interrupt detection edge, switch it as Figure
6.3.6.
Reason
The interrupt circuit recognizes the switching
of the detection edge as the change of external
input signals. This may cause an unnecessary
interrupt.
6.3.4 Notes on serial I/O
(1)
Initialization for the serial I/O
For the serial I/O interrupt, initialize as Figure
6.3.7.
(2)
Write transmit data to transmit buffer
When an external clock is used as the
synchronous clock for the clock synchronous
serial I/O, write the transmit data to the serial
I/O shift register at HIGH of the transfer clock
input level.
Fig. 6.3.6
Sequence for switching an external
interrupt detection edge
Clear an interrupt enable bit to “0” (interrupt disabled)
Switch the detection edge
Clear an interrupt request bit to “0”
(no interrupt request issued)
Set the interrupt request bit to “1” (interrupt enabled)
Fig. 6.3.7
Initialization for serial I/O
NOP (one or more instructions)
Clear the serial I/O interrupt enable bit to “0”
(interrupt disabled)
Clear the serial I/O interrupt request bit to “0”
(no interrupt request issued)
Set the serial I/O interrupt enable bit to “1”
(interrupt enabled)
Select the serial I/O mode
(set the serial I/O port selection bit to “1”)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com