| Electronic Components Datasheet Search |
|
7220 Datasheet(PDF) 233 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
7220 Datasheet(HTML) 233 Page - Renesas Technology Corp |
|
233 / 303 page ![]() APPENDIX 6.4 Countermeasures against noise 7220 Group User’s Manual 6-14 6.4.4 Oscillator concerns Take care to prevent an oscillator that generates clocks for a microcomputer operation from being affected by other signals. (1) Keeping an oscillator away from large current signal lines Install a microcomputer (and especially an oscillator) as far as possible from signal lines where a current larger than the tolerance of current value flows. Reason In the system using a microcomputer, there are signal lines for controlling motors, LEDs, and thermal heads or others. When a large current flows through those signal lines, strong noise occurs because of mutual inductance. (2) Installing an oscillator away from signal lines where potential levels change frequently Install an oscillator and a connecting pattern of an oscillator away from signal lines where potential levels change frequently. Also, do not cross such signal lines over the clock lines or the signal lines which are sensitive to noise. Reason Signal lines where potential levels change frequently (such as the CNTR pin signal line) may affect other lines at signal rising edge or falling edge. If such lines cross over a clock line, clock waveforms may be deformed, which causes a microcomputer failure or a program runaway. (3) Oscillator protection using VSS pattern As for a two-sided printed circuit board, print a VSS pattern on the underside (soldering side) of the position (on the component side) where an oscillator is mounted. Connect the VSS pattern to the microcomputer VSS pin with the shortest possible wiring. Besides, separate this VSS pattern from other VSS patterns. XIN XOUT VSS M Microcomputer Mutual inductance Large current GND Fig.6.4.7 Wiring for large current signal line XIN XOUT VSS CNTR Do not cross N.G. Fig.6.4.8 Wiring for signal line where potential levels charge frequently XIN XOUT VSS An example of V SS patterns on the underside of a printed circuit board Oscillator wiring pattern example Separate the VSS line for oscillation from other V SS lines Fig.6.4.9 VSS pattern on underside of an oscillator |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |