| Electronic Components Datasheet Search |
|
7220 Datasheet(PDF) 250 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
7220 Datasheet(HTML) 250 Page - Renesas Technology Corp |
|
250 / 303 page ![]() 7220 Group User’s Manual APPENDIX 6.7 Control registers 6-31 Fig. 6.7.3 Port P5 direction register Fig. 6.7.4 Port P3 output mode control register b7 b6 b5 b4 b3 b2 b1 b0 Port P3 output mode control register (P3S) [address 00CD16] B Name Functions After reset R W Port P3 output mode control register 0 0 : CMOS output 1 : N-channel open-drain output 0 1 0 0 4 to 7 0 P30 output structure selection bit (P30S) P31 output structure selection bit (P31S) Nothing is assigned. These bits are write disable bits. When these bits are read out, the values are “0.” 0 : CMOS output 1 : N-channel open-drain output 2, 3 Note: M37220M3-XXXSP/FP 0 2 DA1 output enable bit 0 : P30 input/output 1 : DA1 output 0 3 DA2 output enable bit 0 : P31 input/output 1 : DA2 output Fix thes bits to “0.” 00 RW RW RW R— (See note) RW RW Address 00CD16 b7 b6 b5 b4 b3 b2 b1 b0 Port P5 direction register (D5) [Address 00CB16] B Name Functions After reset RW Port P5 Direction Register 0, 1 0 : CRT output (R) 1 : Output port P52 0 2 to 5 0 : CRT output (G) 1 : Output port P53 0 0 : CRT output (B) 1 : Output port P54 0 0 Port P5 direction register Nothing is assigned. These bits are write disable bits. When these bits are read out, the values are “0.” Nothing is assigned. These bits are write disable bits. When these bits are read out, the values are “0.” 6, 7 0 : CRT output (OUT1) 1 : Output port P55 0 0 R— RW RW RW RW R— Address 00CB16 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |