Electronic Components Datasheet Search
  English  ▼

X  

TAS3218PZPR Datasheet(PDF) 30 Page - Texas Instruments

Part # TAS3218PZPR
Description  DIGITAL AUDIO PROCESSOR WITH ANALOG INTERFACE
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS3218PZPR Datasheet(HTML) 30 Page - Texas Instruments

Back Button TAS3218PZPR Datasheet HTML 26Page - Texas Instruments TAS3218PZPR Datasheet HTML 27Page - Texas Instruments TAS3218PZPR Datasheet HTML 28Page - Texas Instruments TAS3218PZPR Datasheet HTML 29Page - Texas Instruments TAS3218PZPR Datasheet HTML 30Page - Texas Instruments TAS3218PZPR Datasheet HTML 31Page - Texas Instruments TAS3218PZPR Datasheet HTML 32Page - Texas Instruments TAS3218PZPR Datasheet HTML 33Page - Texas Instruments TAS3218PZPR Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 79 page
background image
Start
Condition
Stop
Condition
Acknowledge
Acknowledge
I C Device Address and
2
Read/ Write Bit
Sub Address
First Data Byte
Other Data Bytes
Last Data Byte
Acknowledge
Acknowledge
Acknowledge
R/W Ack
A7
Ack
Ack
Ack
Ack
D7
D0
D0
D0
D7
D7
A0
A1
A6
A5
A6
SS
SS
SS
SS
SS
A1
A0
Stop
Condition
Acknowledge
Acknowledge
I C Device Address
and
2
Read/Write Bit
I C Device Address
and
2
Read/Write Bit
Sub Address
First Data Byte
Other Data Bytes
Last Data Byte
Acknowledge
Acknowledge
Acknowledge
Not
Acknowledge
A7
SS
A0
A0
D0
Ack
R/W Ack
D7
D7
D7
D0
Ack
Ack
D0
SS
A6
Ack
A6
SS
A0
SS
SS
SS
R/W Ack
Start
Condition
Repeat Start
Condition
TAS3218
SLES235 – JULY 2008 ....................................................................................................................................................................................................... www.ti.com
Multiple Byte Write
A multiple byte data write transfer is identical to a single byte data write transfer except that multiple data bytes
are transmitted by the master device to slave as shown in Figure 20. After receiving each data byte, the
TAS3218 will respond with an acknowledge bit.
Figure 20. Multiple Byte Write Transfer
Multiple Byte Read
A multiple byte data read transfer is identical to a single byte data read transfer except that multiple data bytes
are transmitted by the TAS3218 to the master device as shown in Figure 21. Except for the last data byte, the
master device will respond with an acknowledge bit after receiving each data byte.
Figure 21. Multiple Byte Read Transfer
Random I2C Transactions
Supplying a subaddress for each subaddress transaction is referred to as random I2C addressing. For random
I2C read commands, the TAS3218 responds with data, a byte at a time, starting at the sub address assigned, as
long as the master device continues to respond with acknowledges. If a given sub address does not use all 32
bits, the unused bits are read as logic 0. I2C write commands, however, are treated in accordance with the data
assignment for that address space. If a write command is received for a biquad sub address, for example, the
TAS3218 expects to see five 32-bit words. If fewer than five data words have been received when a stop
command (or another start command) is received, the data received is discarded.
Sequential I2C Transactions
The TAS3218 supports sequential I2C addressing. For write transactions, if a sub address is issued followed by
data for that sub address and the fifteen sub addresses that follow, a sequential I2C write transaction has taken
place, and the data for all 16 sub addresses is successfully received by the TAS3218. For I2C sequential write
transactions, the sub address then serves as the start address and the amount of data subsequently transmitted,
before a stop or start is transmitted, determines how many sub addresses are written to. As was true for random
addressing, sequential addressing requires that a complete set of data be transmitted. If only a partial set of data
is written to the last sub address, the data for the last sub address is discarded. However, all other data written is
accepted; just the incomplete data is discarded.
Sequential read transactions do not have restrictions on outputting only complete sub address data sets.
If the master does not issue enough data received acknowledges to receive all the data for a given sub address,
the master device simply does not receive all the data.
30
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): TAS3218



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com