Electronic Components Datasheet Search
  English  ▼

X  

TAS3218PZPR Datasheet(PDF) 5 Page - Texas Instruments

Part # TAS3218PZPR
Description  DIGITAL AUDIO PROCESSOR WITH ANALOG INTERFACE
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS3218PZPR Datasheet(HTML) 5 Page - Texas Instruments

  TAS3218PZPR Datasheet HTML 1Page - Texas Instruments TAS3218PZPR Datasheet HTML 2Page - Texas Instruments TAS3218PZPR Datasheet HTML 3Page - Texas Instruments TAS3218PZPR Datasheet HTML 4Page - Texas Instruments TAS3218PZPR Datasheet HTML 5Page - Texas Instruments TAS3218PZPR Datasheet HTML 6Page - Texas Instruments TAS3218PZPR Datasheet HTML 7Page - Texas Instruments TAS3218PZPR Datasheet HTML 8Page - Texas Instruments TAS3218PZPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 79 page
background image
DESCRIPTION
TAS3218
www.ti.com ....................................................................................................................................................................................................... SLES235 – JULY 2008
TERMINAL FUNCTIONS (continued)
TERMINAL
I/O
TERMINATION(1)
DESCRIPTION
NO.
NAME
95
AVSS_ESD
P
Analog ground
96
XTAL_IN
DI
External crystal input
97
XTAL_OUT
DO
External crystal output
Pin out of internal regulator. A 4.7-F low ESR capacitor should be
98
VR_ANA
P
connected between this pin and digital ground. This terminal must not be
used to power external devices.
99
AVDD_OSC
P
3.3-V analog power
100
DVDD1
P
3.3-V digital power
TAS3218 is an audio system-on-a-chip (SOC) designed for digital television audio systems and mini/micro
component applications. TAS3218 has a programmable audio DSP that preserves high-quality audio by using a
48-bit data path, 28-bit filter coefficients, and a single cycle 28 x 48-bit multiplier. The programmability feature
allows users to customize features in the DSP RAM.
The TAS3218 is composed of seven functional blocks.
• Clock and serial data interface
• Analog input and output
• M8051 WARP controller, serial control interface, and device control
• Audio DSP digital audio processing
• Power supply
• Internal references
Figure 1 shows the functional structure of the TAS3218.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): TAS3218



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com