Electronic Components Datasheet Search
  English  ▼

X  

TAS3218PZPR Datasheet(PDF) 11 Page - Texas Instruments

Part # TAS3218PZPR
Description  DIGITAL AUDIO PROCESSOR WITH ANALOG INTERFACE
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS3218PZPR Datasheet(HTML) 11 Page - Texas Instruments

Back Button TAS3218PZPR Datasheet HTML 7Page - Texas Instruments TAS3218PZPR Datasheet HTML 8Page - Texas Instruments TAS3218PZPR Datasheet HTML 9Page - Texas Instruments TAS3218PZPR Datasheet HTML 10Page - Texas Instruments TAS3218PZPR Datasheet HTML 11Page - Texas Instruments TAS3218PZPR Datasheet HTML 12Page - Texas Instruments TAS3218PZPR Datasheet HTML 13Page - Texas Instruments TAS3218PZPR Datasheet HTML 14Page - Texas Instruments TAS3218PZPR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 79 page
background image
LRCLK
SCLK
2-Channel Left-Justified Stereo Input
Left Channel
Right Channel
LSB
MSB
MSB
LSB
32 clks
32 clks
24-Bit Mode
20-Bit Mode
16-Bit Mode
23 22 21 20 19 18 17 16 15 14 13
10
9
8
7
6
5
4
3
2
1
0
12 11
19 18 17 16 15 14 13
10
9
8
7
6
5
4
3
2
1
0
12 11
15 14 13
10
9
8
7
6
5
4
3
2
1
0
12 11
23 22 21 20 19 18 17 16 15 14 13
10
9
8
7
6
5
4
3
2
1
0
12 11
19 18 17 16 15 14 13
10
9
8
7
6
5
4
3
2
1
0
12 11
15 14 13
10
9
8
7
6
5
4
3
2
1
0
12 11
LRCLK
SCLK
2-Channel Right-Justified (Sony Format) Stereo Input
Left Channel
Right Channel
LSB
MSB
MSB
LSB
32 clks
32 clks
24-Bit Mode
20-Bit Mode
16-Bit Mode
23 22 21 20 19 18 17 16 15 14 13
10
9
8
7
6
5
4
3
2
1
0
12 11
19 18 17 16 15 14 13
10
9
8
7
6
5
4
3
2
1
0
12 11
15 14 13
10
9
8
7
6
5
4
3
2
1
0
12 11
23 22 21 20 19 18 17 16 15 14 13
10
9
8
7
6
5
4
3
2
1
0
12 11
19 18 17 16 15 14 13
10
9
8
7
6
5
4
3
2
1
0
12 11
15 14 13
10
9
8
7
6
5
4
3
2
1
0
12 11
SAP Input and Output Normalization
TAS3218
www.ti.com ....................................................................................................................................................................................................... SLES235 – JULY 2008
Discrete Left-Justified
Left-justified (LJ) timing uses an L/RCLK to define when the data being transmitted is for the left channel and
when it is for the right channel. The LRCLK is HIGH for the left channel and LOW for the right channel. A bit
clock running at 64 Fs is used to clock in the data. The first bit of data appears on the data lines at the same
time the LRCLK toggles. The data is written MSB first and is valid on the rising edge of bit clock. The TAS3218
will mask unused trailing data bit positions.
A.
All data are presented in 2's complement form with MSB first.
Figure 6. SAP Left-Justified 64 Fs Format
Discrete Right-Justified
Right Justified (RJ) timing uses an L/RCLK to define when the data being transmitted is for the left channel and
when it is for the right channel. The L/RCLK is HIGH for the left channel and LOW for the right channel. A bit
clock running at 64 Fs is used to clock in the data. The first bit of data appears on the data 8-bit clock periods
(for 24-bit data) after L/RCLK toggles. In RJ mode the LSB of data is always clocked by the last bit clock before
L/RCLK transitions. The data is written MSB first and is valid on the rising edge of bit clock. The TAS3218 will
mask unused leading data bit positions.
A.
All data are presented in 2's complement form with MSB first.
Figure 7. SAP Right-Justified 64 Fs Format
The TAS3218 supports SAP input and SAP output normalization. This supports simultaneous output to
left-justified and I2S devices.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): TAS3218



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com