Electronic Components Datasheet Search
  English  ▼

X  

TLC5944PWPR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TLC5944PWPR
Description  16-Channel, 12-Bit PWM LED Driver with 6-Bit Dot Correction and Pre-Charge FET
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC5944PWPR Datasheet(HTML) 1 Page - Texas Instruments

  TLC5944PWPR Datasheet HTML 1Page - Texas Instruments TLC5944PWPR Datasheet HTML 2Page - Texas Instruments TLC5944PWPR Datasheet HTML 3Page - Texas Instruments TLC5944PWPR Datasheet HTML 4Page - Texas Instruments TLC5944PWPR Datasheet HTML 5Page - Texas Instruments TLC5944PWPR Datasheet HTML 6Page - Texas Instruments TLC5944PWPR Datasheet HTML 7Page - Texas Instruments TLC5944PWPR Datasheet HTML 8Page - Texas Instruments TLC5944PWPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
TLC5944
TLC5944
1
FEATURES
APPLICATIONS
SIN
SCLK
DCSEL
XLAT
BLANK
GSCLK
SOUT
XERR
VUP
GND
VCC
TLC5944
IC1
OUT0
OUT15
VCC
VLED
VLED
SIN
SCLK
DCSEL
XLAT
BLANK
GSCLK
R
IREF
IREF
SOUT
TLC5944
ICn
OUT0
OUT15
DATA
SCLK
DCSEL
XLAT
BLANK
GSCLK
FLAGS
READ
XERR
READ
VCC
R
IREF
IREF
Controller
XERR
VUP
GND
VCC
VLED
VLED
VCC
5
¼
¼
¼
LINEn
LINE0
TLC5944
www.ti.com ...................................................................................................................................................................................................... SBVS112 – JUNE 2008
16-Channel, 12-Bit PWM LED Driver with
6-Bit Dot Correction and Pre-Charge FET
23
• 16 Channels, Constant Current Sink Output
• Thermal Shutdown (TSD):
• 60-mA Capability (Constant Current Sink)
–
Automatic shutdown at over-temperature
conditions
• 12-Bit (4096 Steps) Grayscale Control with
PWM
–
Restart under normal temperature
• 6-Bit (64 Steps) Dot Correction with Sink
• Pre-Thermal Warning (PTW):
Current
–
High temperature operation alert
• Internal Pre-Charge FET to Prevent LED
• Readable Error Information:
Ghosting Phenomenon on Multiplexed LED
–
LED Open Detection (LOD)
Systems
–
Thermal Error Flag (TEF)
• LED Power-Supply Voltage up to 15 V
–
Pre-Thermal Warning (PTW)
• V
CC = 3.0 V to 5.5 V
• Noise Reduction:
• Constant Current Accuracy:
–
4-channel grouped delay to prevent inrush
–
Channel-to-Channel = ±1%
current
–
Device-to-Device = ±3%
• Operating Temperature: –40°C to +85°C
• CMOS Logic Level I/O
• 30-MHz Data Transfer Rate
• Monochrome, Multicolor, Full-Color LED
• 33-MHz Grayscale Control Clock
Displays Using Multiplexing System
• Continuous Base LED Open Detection (LOD):
• LED Signboards Using Multiplexing System
–
Detect LED opening and LED short to GND
during display with auto output off function
Typical Application Circuit (Multiple Daisy-Chained TLC5944s)
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
PowerPAD is a trademark of Texas Instruments, Incorporated.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2008, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TLC5944PWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5944PWPR TI-TLC5944PWPR Datasheet
1Mb / 36P
16-Channel, 12-Bit PWM LED Driver with 6-Bit Dot Correction and Pre-Charge FET
TLC5944PWPR TI1-TLC5944PWPR Datasheet
1Mb / 38P
16-Channel, 12-Bit PWM LED Driver with 6-Bit Dot Correction and Pre-Charge FET
TLC5944PWPRG4 TI1-TLC5944PWPRG4 Datasheet
1Mb / 38P
16-Channel, 12-Bit PWM LED Driver with 6-Bit Dot Correction and Pre-Charge FET
More results

Similar Description - TLC5944PWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5924 TI-TLC5924 Datasheet
742Kb / 23P
16-CHANNEL LED DRIVER WITH DOT CORRECTION AND PRE-CHARGE FET
TLC5942 TI-TLC5942 Datasheet
1Mb / 33P
16-Channel, 12-Bit PWM LED Driver with 7-Bit Dot Correction
TLC5946 TI-TLC5946 Datasheet
793Kb / 35P
16-Channel, 12-Bit PWM LED Driver with 6-Bit Dot Correction
TLC5944 TI-TLC5944 Datasheet
1Mb / 36P
16-Channel, 12-Bit PWM LED Driver with 6-Bit Dot Correction and Pre-Charge FET
TLC5946_0806 TI-TLC5946_0806 Datasheet
795Kb / 35P
16-Channel, 12-Bit PWM LED Driver with 6-Bit Dot Correction
TLC59461 TI-TLC59461 Datasheet
840Kb / 33P
16-Channel, 12-Bit PWM LED Driver with 6-Bit Dot Correction
TLC5924 TI1-TLC5924_16 Datasheet
1Mb / 28P
16-CHANNEL LED DRIVER WITH DOT CORRECTION AND PRE-CHARGE FET
TLC5944 TI1-TLC5944_16 Datasheet
1Mb / 38P
16-Channel, 12-Bit PWM LED Driver with 6-Bit Dot Correction and Pre-Charge FET
TLC5946 TI1-TLC5946_16 Datasheet
1Mb / 41P
16-Channel, 12-Bit PWM LED Driver with 6-Bit Dot Correction
TLC5946 TI1-TLC5946_17 Datasheet
1Mb / 41P
16-Channel, 12-Bit PWM LED Driver with 6-Bit Dot Correction
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com