Electronic Components Datasheet Search
  English  ▼

X  

TLC5944PWPR Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # TLC5944PWPR
Description  16-Channel, 12-Bit PWM LED Driver with 6-Bit Dot Correction and Pre-Charge FET
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC5944PWPR Datasheet(HTML) 24 Page - Texas Instruments

Back Button TLC5944PWPR Datasheet HTML 20Page - Texas Instruments TLC5944PWPR Datasheet HTML 21Page - Texas Instruments TLC5944PWPR Datasheet HTML 22Page - Texas Instruments TLC5944PWPR Datasheet HTML 23Page - Texas Instruments TLC5944PWPR Datasheet HTML 24Page - Texas Instruments TLC5944PWPR Datasheet HTML 25Page - Texas Instruments TLC5944PWPR Datasheet HTML 26Page - Texas Instruments TLC5944PWPR Datasheet HTML 27Page - Texas Instruments TLC5944PWPR Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 34 page
background image
VLED
(Power-SupplyforLED)
SW
NMOS1
SW
PMOS1
LED1-1
LED1-2
C0
C1
C2
I
CHRG
Line1
ParasiticCapacitor
Ordinal
LEDDriver
ConstantCurrent
I
=50mA
OUT
OUT0
ON
OUT1
ON
OUT2
ON
VLED
SW
NMOS0
SW
PMOS0
LED0-0
OUT0
OUT1
OUT2
LED0-1
LED0-2
Line0
SW
PMOS0
ON
OFF
(1)
(2)
(3)
(4)
Ghostphenomenonisobserved
when Line1goesuptoVLED.
V
CHG
GND
OUT0voltageispulleddowntoGNDside
bythecouplingwithLEDlampcapacitor
betweenLine0andOUT0.
Line0isGNDlevel.
Line0isVLEDlevel.
Line1isGNDlevel.
Line1isVLEDlevel.
¼
¼
¼
High
OFF
ON
OFF
ON
OFF
ON
0mA
50mA
0mA
50mA
VLED
V
-
F
VLED
OFF
ON
Low
SW
NMOS0
SW
PMOS1
SW
NMOS1
BLANK
OUT0
OUT0
Voltage
LED0-0
Current
LED1-0
Current
LED1-0
VLED
(Power-SupplyforLED)
SW
NMOS1
SW
PMOS1
LED1-0
LED1-1
LED1-2
C0
C1
C2
Line1
ParasiticCapacitor
Pre-ChargeMOS
PCHGON
TLC5944
LEDDriver
ConstantCurrent
I
=50mA
OUT
OUT0
ON
OUT0
ON
OUT0
ON
VLED
VUP
SW
NMOS0
SW
PMOS0
LED0-0
OUT0
BLANK
OUT1
OUT2
LED0-1
LED0-2
Line0
¼
¼
¼
SW
PMOS0
OUT0
SW
NMOS1
OUT0
Voltage
LED0-0
Current
LED1-0
Current
ON
OFF
ON
OFF
ON
OFF
VLED
V
-
F
VLED
0mA
50mA
0mA
50mA
(1)
(2)
(3)
(4)
Ghostphenomenonnotseen
BLANK
High
PCHGON
Signal
ON
OFF
ON
OFF
SW
PMOS1
SW
NMOS0
ON
OFF
Low
GND
V
CHG
Line1isGNDlevel.
Line1isVLEDlevel.
Line0isVLEDlevel.
Line0isGNDlevel.
DisappearingI
CHRG
Timing
Control
TLC5944
SBVS112 – JUNE 2008 ...................................................................................................................................................................................................... www.ti.com
Figure 33. LED Ghost-Lighting Phenomenon Mechanism
Figure 34. LED Ghost-Lighting Mechanism by Pre-Charge FET
24
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): TLC5944



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com