Electronic Components Datasheet Search
  English  ▼

X  

TMP300 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TMP300
Description  1.8V, Resistor-Programmable TEMPERATURE SWITCH and ANALOG OUT TEMPERATURE SENSOR in SC70
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP300 Datasheet(HTML) 4 Page - Texas Instruments

  TMP300 Datasheet HTML 1Page - Texas Instruments TMP300 Datasheet HTML 2Page - Texas Instruments TMP300 Datasheet HTML 3Page - Texas Instruments TMP300 Datasheet HTML 4Page - Texas Instruments TMP300 Datasheet HTML 5Page - Texas Instruments TMP300 Datasheet HTML 6Page - Texas Instruments TMP300 Datasheet HTML 7Page - Texas Instruments TMP300 Datasheet HTML 8Page - Texas Instruments TMP300 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
www.ti.com
TYPICAL CHARACTERISTICS
-
40 -25
0
95
85
45
25
50
75
100
125
Temperature( C)
°
75
55
65
V =18V
S
V =3.3V
S
V =1.8V
S
-
40 -25
0
2.0
1.5
1.0
0.5
0
-
0.5
-
1.0
-
1.5
-
2.0
25
50
75
100
125
Temperature( C)
°
T
+1%
ERROR
T
ERROR - 1%
T
+0.1%
ERROR
T
ERROR - 0.1%
-
40 -25
0
700
600
500
400
300
200
100
0
25
50
75
100
125
Temperature(°C)
-
40 -25
0
4.0
-
4.0
25
50
75
100
125
Temperature( C)
°
2.0
-
1.0
1.0
0
-
2.0
-
3.0
3.0
-
40 -25
0
3.0
2.0
-
3.0
25
50
75
100
125
Temperature( C)
°
1.5
-
2.0
1.0
-
2.5
2.5
0.5
0
-
0.5
-
1.0
-
1.5
-
40 -25
0
0.10
0.08
-
0.02
0
-
0.04
-
0.06
-
0.08
-
0.10
25
50
75
100
125
Temperature(°C)
0.06
0.04
0.02
T
is+85 CforV
°
MAX
S =1.8Vto3.3V
3.3Vto18V
TMP300
SBOS335A – JUNE 2005 – REVISED SEPTEMBER 2007
At VS = 5V, unless otherwise noted.
QUIESCENT CURRENT OVER TEMPERATURE AND
SUPPLY
RSET SHIFT DUE TO RSET TOLERANCE
Figure 1.
Figure 2.
RSET vs TEMPERATURE
TYPICAL TRIP ERROR
Figure 3.
Figure 4.
TYPICAL ANALOG OUTPUT ERROR
ANALOG PSR OVER TEMPERATURE
Figure 5.
Figure 6.
4
Submit Documentation Feedback
Copyright © 2005–2007, Texas Instruments Incorporated
Product Folder Link(s): TMP300



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com