Electronic Components Datasheet Search
  English  ▼

X  

TMP300 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TMP300
Description  1.8V, Resistor-Programmable TEMPERATURE SWITCH and ANALOG OUT TEMPERATURE SENSOR in SC70
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP300 Datasheet(HTML) 1 Page - Texas Instruments

  TMP300 Datasheet HTML 1Page - Texas Instruments TMP300 Datasheet HTML 2Page - Texas Instruments TMP300 Datasheet HTML 3Page - Texas Instruments TMP300 Datasheet HTML 4Page - Texas Instruments TMP300 Datasheet HTML 5Page - Texas Instruments TMP300 Datasheet HTML 6Page - Texas Instruments TMP300 Datasheet HTML 7Page - Texas Instruments TMP300 Datasheet HTML 8Page - Texas Instruments TMP300 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
BurrBrown Products
from Texas Instruments
1
FEATURES
DESCRIPTION
APPLICATIONS
R
PULL-UP
210kW
(1)
R
SET
T
SET
OUT
V+
HYST
SET
V
TEMP
TMP300
3mA
Proportional
toT
A
NOTE:(1)Thinfilmresistorwithapproximately10%accuracy;
however,thisaccuracyerroristrimmedoutatthefactory.
1
2
3
6
5
4
V+
V
TEMP
HYST
SET
T
SET
GND
OUT
TMP300
SC70-6,SOT23-6
TMP300
SBOS335A – JUNE 2005 – REVISED SEPTEMBER 2007
1.8V, Resistor-Programmable
TEMPERATURE SWITCH and
ANALOG OUT TEMPERATURE SENSOR in SC70
2
• ACCURACY: ±1°C (typical at +25°C)
• PROGRAMMABLE TRIP POINT
The TMP300 is a low-power, resistor-programmable,
digital output temperature switch. It allows a threshold
• PROGRAMMABLE HYSTERESIS: 5°C/10°C
point to be set by adding an external resistor. Two
• OPEN-DRAIN OUTPUTS
levels of hysteresis are available. The TMP300 has a
• LOW-POWER: 110μA (max)
VTEMP analog output that can be used as a testing
point or in temperature-compensation loops.
• WIDE VOLTAGE RANGE: +1.8V to +18V
• OPERATION: –40°C to +150°C
The TMP300 detects temperature with ±4
°C accuracy
(max) over –40
°C to +125°C.
• ANALOG OUT: 10mV/°C
With a supply voltage as low as 1.8V and low current
• SC70-6 AND SOT23-6 PACKAGES
consumption, the TMP300 is ideal for power-sensitive
systems.
• POWER-SUPPLY SYSTEMS
Available in two micropackages that have proven
thermal characteristics, this part gives a complete and
• DC-DC MODULES
simple solution for users who need simple and
• THERMAL MONITORING
reliable thermal management.
• ELECTRONIC PROTECTION SYSTEMS
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2005–2007, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TMP300

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
TMP300 BURR-BROWN-TMP300 Datasheet
448Kb / 14P
1.8V, Resistor-Programmable TEMPERATURE SWITCH and
logo
Texas Instruments
TMP300 TI2-TMP300 Datasheet
994Kb / 16P
1.8V, Resistor-Programmable TEMPERATURE SWITCH and ANALOG OUT TEMPERATURE SENSOR in SC70
DECEMBER 2011
TMP300 TI2-TMP300 Datasheet
1,010Kb / 23P
TMP300 1.8-V, Resistor-Programmable Temperature Switch and Analog Out Temperature Sensor in SC70
REVISED JANUARY 2023
TMP300-Q1 TI1-TMP300-Q1 Datasheet
654Kb / 14P
1.8V, Resistor-Programmable TEMPERATURE SWITCH and ANALOG OUT TEMPERATURE SENSOR in SC70
TMP300-Q1 TI2-TMP300-Q1 Datasheet
994Kb / 16P
1.8V, Resistor-Programmable TEMPERATURE SWITCH and ANALOG OUT TEMPERATURE SENSOR in SC70
DECEMBER 2011
More results

Similar Description - TMP300

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
TMP300 BURR-BROWN-TMP300 Datasheet
448Kb / 14P
1.8V, Resistor-Programmable TEMPERATURE SWITCH and
logo
National Semiconductor ...
LM57 NSC-LM57 Datasheet
572Kb / 18P
Resistor-Programmable Temperature Switch and Analog Temperature Sensor
logo
Maxim Integrated Produc...
MAX6605 MAXIM-MAX6605_08 Datasheet
97Kb / 6P
Low-Power Analog Temperature Sensor in SC70 Package
Rev 2; 11/08
logo
Texas Instruments
TMP300-Q1 TI1-TMP300-Q1 Datasheet
654Kb / 14P
1.8V, Resistor-Programmable TEMPERATURE SWITCH and ANALOG OUT TEMPERATURE SENSOR in SC70
TMP300BIDBVR TI1-TMP300BIDBVR Datasheet
865Kb / 18P
1.8V, Resistor-Programmable TEMPERATURE SWITCH and ANALOG OUT TEMPERATURE SENSOR in SC70
TMP300 TI1-TMP300_15 Datasheet
869Kb / 18P
1.8V, Resistor-Programmable TEMPERATURE SWITCH and ANALOG OUT TEMPERATURE SENSOR in SC70
LM57 TI-LM57_15 Datasheet
1Mb / 40P
LM57 Resistor-Programmable Temperature Switch and Analog Temperature Sensor
LM57-Q1 TI-LM57-Q1 Datasheet
1Mb / 38P
LM57-Q1 Resistor-Programmable Temperature Switch and Analog Temperature Sensor
LM57 TI1-LM57 Datasheet
1Mb / 40P
Resistor-Programmable Temperature Switch and Analog Temperature Sensor
LM57-Q1 TI1-LM57-Q1 Datasheet
1Mb / 38P
Resistor-Programmable Temperature Switch and Analog Temperature Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com