Electronic Components Datasheet Search
  English  ▼

X  

TMP300 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TMP300
Description  1.8V, Resistor-Programmable TEMPERATURE SWITCH and ANALOG OUT TEMPERATURE SENSOR in SC70
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP300 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TMP300 Datasheet HTML 3Page - Texas Instruments TMP300 Datasheet HTML 4Page - Texas Instruments TMP300 Datasheet HTML 5Page - Texas Instruments TMP300 Datasheet HTML 6Page - Texas Instruments TMP300 Datasheet HTML 7Page - Texas Instruments TMP300 Datasheet HTML 8Page - Texas Instruments TMP300 Datasheet HTML 9Page - Texas Instruments TMP300 Datasheet HTML 10Page - Texas Instruments TMP300 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
www.ti.com
ANALOG TEMPERATURE OUTPUT
USING A DAC TO SET THE TRIP POINT
210kW
T
SET
OUT
V+
HYST
SET
V
TEMP
TMP300
3 A
m
Proportional
toT
A
AnalogOut
OPA335
-
50
-
25
0
1.00
0.75
0.50
0.25
0
-
0.25
-
0.50
-
0.75
-
1.00
25
50
75
100
125
Temperature( C)
°
210kW
T
SET
OUT
V+
HYST
SET
V
TEMP
TMP300
3 A
m
Proportional
toT
A
Open-DrainControl
Voltagesource
totesttrippoint.
DAC8560
TMP300
SBOS335A – JUNE 2005 – REVISED SEPTEMBER 2007
The analog out or VTEMP pin is high-impedance
The trip point is easily converted by changing the
(210k
Ω). Avoid loading this pin to prevent degrading
digital-to-analog
converter
(DAC)
code.
This
the analog out value or trip point. Buffer the output of
technique can be useful for control loops where a
this pin when using it for direct thermal measurement.
large thermal mass is being brought up to the set
Figure 9 shows buffering of the analog output signal.
temperature and the OUT pin is used to control the
heating element. The analog output can be monitored
in a control algorithm that adjusts the set temperature
to prevent overshoot. Trip set voltage error versus
temperature is shown in Figure 10, which shows error
in
°C of the comparator input over temperature. An
alternative method of setting the trip point by using a
DAC is shown in Figure 11.
Figure 9. Buffering the Analog Output Signal
Figure 10. Trip Set Voltage Error vs Temperature
Figure 11. DAC Generates the Voltage-Driving TSET Pin
Copyright © 2005–2007, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): TMP300



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com