Electronic Components Datasheet Search
  English  ▼

X  

TPS54331DR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54331DR
Description  3A, 28V INPUT, STEP DOWN SWIFTM DC/DC CONVERTER WITH ECO-MODTM
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS54331DR Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS54331DR Datasheet HTML 2Page - Texas Instruments TPS54331DR Datasheet HTML 3Page - Texas Instruments TPS54331DR Datasheet HTML 4Page - Texas Instruments TPS54331DR Datasheet HTML 5Page - Texas Instruments TPS54331DR Datasheet HTML 6Page - Texas Instruments TPS54331DR Datasheet HTML 7Page - Texas Instruments TPS54331DR Datasheet HTML 8Page - Texas Instruments TPS54331DR Datasheet HTML 9Page - Texas Instruments TPS54331DR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
0.7760
0.7820
0.7880
0.7940
0.8000
0.8060
0.8120
0.8180
0.8240
-50
-25
0
25
50
75
100
125
150
T -JunctionTemperature-°C
J
5.50
5.75
6
6.25
6.50
6.75
7
7.25
7.50
-50
-25
0
25
50
75
100
125
150
T -JunctionTemperature-°C
J
VIN=12V
100
110
120
130
140
-50
-25
0
25
50
75
100
125
150
T -JunctionTemperature-°C
J
VIN=12V
1.90
2
2.10
-50
-25
0
25
50
75
100
125
150
T -JunctionTemperature-°C
J
3
4
5
6
3
8
13
18
23
28
V -InputVoltage-V
I
T =150°C
J
T =25°C
J
T =-40°C
J
SUPPLEMENTAL APPLICATION CURVES
3
8
13
18
23
28
V -InputVolatage-V
I
0.75
0.85
0.95
1.05
1.15
1.25
I
=2 A
O
I
=3 A
O
3
8
13
18
23
28
0
5
10
15
20
25
30
V -InputVoltage-V
I
I
=2 A
O
I
=3 A
O
25
50
75
100
125
150
0
0.2
0.4
0.6
0.8
1
1.2
P -PowerDissipation-W
D
TPS54331
SLVS839B – JULY 2008 – REVISED OCTOBER 2008 ...................................................................................................................................................... www.ti.com
TYPICAL CHARACTERISTICS (continued)
MINIMUM CONTROLLABLE ON
MINIMUM CONTROLLABLE DUTY
VOLTAGE REFERENCE
TIME
RATIO
vs
vs
vs
JUNCTION TEMPERATURE
JUNCTION TEMPERATURE
JUNCTION TEMPERATURE
Figure 4.
Figure 5.
Figure 6.
SS CHARGE CURRENT
CURRENT LIMIT THRESHOLD
vs
vs
JUNCTION TEMPERATURE
INPUT VOLTAGE
Figure 7.
Figure 8.
TYPICAL MINIMUM OUTPUT
TYPICAL MAXIMUM OUTPUT
VOLTAGE
VOLTAGE
MAXIMUM POWER DISSIPATION
vs
vs
vs
INPUT VOLTAGE
INPUT VOLTAGE
JUNCTION TEMPERATURE
Figure 9.
Figure 10.
Figure 11.
6
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): TPS54331



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com