Electronic Components Datasheet Search
  English  ▼

X  

TPS54331DR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54331DR
Description  3A, 28V INPUT, STEP DOWN SWIFTM DC/DC CONVERTER WITH ECO-MODTM
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS54331DR Datasheet(HTML) 3 Page - Texas Instruments

  TPS54331DR Datasheet HTML 1Page - Texas Instruments TPS54331DR Datasheet HTML 2Page - Texas Instruments TPS54331DR Datasheet HTML 3Page - Texas Instruments TPS54331DR Datasheet HTML 4Page - Texas Instruments TPS54331DR Datasheet HTML 5Page - Texas Instruments TPS54331DR Datasheet HTML 6Page - Texas Instruments TPS54331DR Datasheet HTML 7Page - Texas Instruments TPS54331DR Datasheet HTML 8Page - Texas Instruments TPS54331DR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
RECOMMENDED OPERATING CONDITIONS
ELECTRICAL CHARACTERISTICS
TPS54331
www.ti.com ...................................................................................................................................................... SLVS839B – JULY 2008 – REVISED OCTOBER 2008
over operating free-air temperature range (unless otherwise noted)
MIN
TYP
MAX
UNIT
Operating Input Voltage on (VIN pin)
3.5
28
V
Operating junction temperature, TJ
–40
150
°C
TJ = –40°C to 150°C, VIN = 3.5V to 28V (unless otherwise noted)
DESCRIPTION
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY VOLTAGE (VIN PIN)
Internal undervoltage lockout threshold
Rising and Falling
3.5
V
Shutdown supply current
EN = 0V, VIN = 12V, –40°C to 85°C
1
4
µA
Operating – non switching supply current
VSENSE = 0.85 V
110
190
µA
ENABLE AND UVLO (EN PIN)
Enable threshold
Rising and Falling
1.25
1.35
V
Input current
Enable threshold – 50 mV
-1
µA
Input current
Enable threshold + 50 mV
-4
µA
VOLTAGE REFERENCE
Voltage reference
0.772
0.8
0.828
V
HIGH-SIDE MOSFET
On resistance
BOOT-PH = 3 V, VIN = 3.5 V
115
200
m
Ω
BOOT-PH = 6 V, VIN = 12 V
80
150
ERROR AMPLIFIER
Error amplifier transconductance (gm)
–2
µA < ICOMP < 2 µA, V(COMP) = 1 V
92
µmhos
Error amplifier DC gain(1)
VSENSE = 0.8 V
800
V/V
Error amplifier unity gain bandwidth(1)
5 pF capacitance from COMP to GND pins
2.7
MHz
Error amplifier source/sink current
V(COMP) = 1.0 V, 100 mV overdrive
±7
µA
Switch current to COMP transconductance
VIN = 12 V
12
A/V
SWITCHING FREQUENCY
TPS54331 Switching Frequency
VIN = 12V, 25°C
456
570
684
kHz
Minimum controllable on time
VIN = 12V, 25°C
105
130
ns
Maximum controllable duty ratio(1)
BOOT-PH = 6 V
90
93
%
PULSE SKIPPING ECO-MODE™
Pulse skipping Eco-mode™ switch current threshold
160
mA
CURRENT LIMIT
Current limit threshold
VIN = 12 V
3.5
5.8
A
THERMAL SHUTDOWN
Thermal Shutdown
165
°C
SLOW START (SS PIN)
Charge current
V(SS) = 0.4 V
2
µA
SS to VSENSE matching
V(SS) = 0.4 V
10
mV
(1)
Specified by design
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): TPS54331



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com