Electronic Components Datasheet Search
  English  ▼

X  

TPS54331DR Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54331DR
Description  3A, 28V INPUT, STEP DOWN SWIFTM DC/DC CONVERTER WITH ECO-MODTM
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS54331DR Datasheet(HTML) 16 Page - Texas Instruments

Back Button TPS54331DR Datasheet HTML 12Page - Texas Instruments TPS54331DR Datasheet HTML 13Page - Texas Instruments TPS54331DR Datasheet HTML 14Page - Texas Instruments TPS54331DR Datasheet HTML 15Page - Texas Instruments TPS54331DR Datasheet HTML 16Page - Texas Instruments TPS54331DR Datasheet HTML 17Page - Texas Instruments TPS54331DR Datasheet HTML 18Page - Texas Instruments TPS54331DR Datasheet HTML 19Page - Texas Instruments TPS54331DR Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
OUTPUT VOLTAGE LIMITATIONS
(
)
(
)
(
)
Omax
IN min
O max
DSon max
D
O max
L
D
V
= 0.91 ×
V
I
× R
+ V
I
× R
V
-
-
-
(31)
(
)
(
)
(
)
Omin
IN max
Omin
D
O min
L
D
V
= 0.089
V
I
Rin
+ V
I
R
V
´
-
´
-
´
-
(32)
POWER DISSIPATION ESTIMATE
TPS54331
SLVS839B – JULY 2008 – REVISED OCTOBER 2008 ...................................................................................................................................................... www.ti.com
Due to the internal design of the TPS54331, there are both upper and lower output voltage limits for any given
input voltage. The upper limit of the output voltage set point is constrained by the maximum duty cycle of 91%
and is given by Equation 31:
Where:
VIN min = Minimum input voltage
IO max = Maximum load current
VD = Catch diode forward voltage
RL = Output inductor series resistance
The equation assumes maximum on resistance for the internal high-side FET.
The lower limit is constrained by the minimum controllable on time which may be as high as 130 ns. The
approximate minimum output voltage for a given input voltage and minimum load current is given by Equation 32:
Where:
VIN max = Maximum input voltage
IO min = Minimum load current
VD = Catch diode forward voltage
RL = Output inductor series resistance
This equation assumes nominal on-resistance for the high-side FET and accounts for worst case variation of
operating frequency set point. Any design operating near the operational limits of the device should be carefully
checked to assure proper functionality.
The following formulas show how to estimate the device power dissipation under continuous conduction mode
operations. They should not be used if the device is working in the discontinuous conduction mode (DCM) or
pulse skipping Eco-modeTM.
The device power dissipation includes:
1) Conduction loss: Pcon = IOUT2 x Rds(on) x VOUT/VIN
2) Switching loss: Psw = 0.5 x 10-9 x VIN2 x IOUT x Fsw
3) Gate charge loss: Pgc = 22.8 x 10-9 x Fsw
4) Quiescent current loss: Pq = 0.11 x 10-3 x VIN
Where:
IOUT is the output current (A).
Rds(on) is the on-resistance of the high-side MOSFET (
Ω).
VOUT is the output voltage (V).
VIN is the input voltage (V).
Fsw is the switching frequency (Hz).
So
Ptot = Pcon + Psw + Pgc + Pq
For given TA , TJ = TA + Rth x Ptot.
For given TJMAX = 150°C, TAMAX = TJMAX– Rth x Ptot.
16
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): TPS54331



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com