Electronic Components Datasheet Search
  English  ▼

X  

TPS62290DRVR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62290DRVR
Description  1-A Step Down Converter in 2 x 2 SON Package
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62290DRVR Datasheet(HTML) 5 Page - Texas Instruments

  TPS62290DRVR Datasheet HTML 1Page - Texas Instruments TPS62290DRVR Datasheet HTML 2Page - Texas Instruments TPS62290DRVR Datasheet HTML 3Page - Texas Instruments TPS62290DRVR Datasheet HTML 4Page - Texas Instruments TPS62290DRVR Datasheet HTML 5Page - Texas Instruments TPS62290DRVR Datasheet HTML 6Page - Texas Instruments TPS62290DRVR Datasheet HTML 7Page - Texas Instruments TPS62290DRVR Datasheet HTML 8Page - Texas Instruments TPS62290DRVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
www.ti.com
PARAMETER MEASUREMENT INFORMATION
GND
EN
FB
SW
TPS62290DRV
L1
2 .2 mH
C IN
10 mF
R 1
R 2
C 1
22 pF
C OUT
10 mF
V OUT
MODE
VIN
L:LPS30152.2 H,110m
C
:GRM188R60J106M10 FMurata0603size
m
W
m
IN
C
:GRM188R60J106M10 FMurata0603size
OUT
m
TYPICAL CHARACTERISTICS
TPS62290, TPS62291, TPS62293
SLVS764C – JUNE 2007 – REVISED MARCH 2008
Table 1. Table Of Graphs
FIGURE
Efficiency
vs VO 1.8 V Power Save Mode
Figure 1
Efficiency
vs VO 1.8 V Forced Save Mode
Figure 2
Efficiency
vs VO 3.3 V Power Save Mode
Figure 3
Efficiency
vs VO 3.3 V Forced Save Mode
Figure 4
VO ACCURACY
Figure 5
VO ACCURACY
Figure 8
VO ACCURACY
Figure 7
VO ACCURACY
Figure 6
PFM LOAD TRANSIENT
Figure 9
PFM LINE TRANSIENT
Figure 10
PWM LOAD TRANSIENT
Figure 11
PWM LINE TRANSIENT
Figure 12
TYPICAL OPERATION PFM
Figure 13
MODE
TYPICAL OPERATION PWM
Figure 14
MODE
Shutdown Current Into VIN
vs Input Voltage, (TA = 85°C, TA = 25°C, TA = -40°C)
Figure 15
Quiescent Current
vs Input Voltage, (TA = 85°C, TA = 25°C, TA = -40°C)
Figure 16
Figure 17
Static Drain-Source On-State
vs Input Voltage, (TA = 85°C, TA = 25°C, TA = -40°C)
Resistance
Figure 18
Copyright © 2007–2008, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): TPS62290 TPS62291 TPS62293



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com