Electronic Components Datasheet Search
  English  ▼

X  

TPS62290DRVR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62290DRVR
Description  1-A Step Down Converter in 2 x 2 SON Package
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62290DRVR Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS62290DRVR Datasheet HTML 7Page - Texas Instruments TPS62290DRVR Datasheet HTML 8Page - Texas Instruments TPS62290DRVR Datasheet HTML 9Page - Texas Instruments TPS62290DRVR Datasheet HTML 10Page - Texas Instruments TPS62290DRVR Datasheet HTML 11Page - Texas Instruments TPS62290DRVR Datasheet HTML 12Page - Texas Instruments TPS62290DRVR Datasheet HTML 13Page - Texas Instruments TPS62290DRVR Datasheet HTML 14Page - Texas Instruments TPS62290DRVR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
www.ti.com
DETAILED DESCRIPTION
OPERATION
POWER SAVE MODE
Dynamic Voltage Positioning
TPS62290, TPS62291, TPS62293
SLVS764C – JUNE 2007 – REVISED MARCH 2008
The TPS6229x step down converter operates with typically 2.25-MHz fixed frequency pulse width modulation
(PWM) at moderate to heavy load currents. At light load currents, the converter can automatically enter Power
Save Mode and operates then in PFM mode.
During PWM operation, the converter use a unique fast response voltage mode controller scheme with input
voltage feed-forward to achieve good line and load regulation allowing the use of small ceramic input and output
capacitors. At the beginning of each clock cycle initiated by the clock signal, the High Side MOSFET switch is
turned on. The current flows now from the input capacitor via the High Side MOSFET switch through the inductor
to the output capacitor and load. During this phase, the current ramps up until the PWM comparator trips and the
control logic turns off the switch. The current limit comparator also turns off the switch if the current limit of the
High Side MOSFET switch is exceeded. After a dead time preventing shoot through current, the Low Side
MOSFET rectifier is turned on and the inductor current ramps down. The current flows now from the inductor to
the output capacitor and to the load. It returns to the inductor through the Low Side MOSFET rectifier.
The next cycle is initiated by the clock signal again turning off the Low Side MOSFET rectifier and turning on the
on the High Side MOSFET switch.
The Power Save Mode is enabled with MODE Pin set to low level. If the load current decreases, the
converter will enter Power Save Mode operation automatically. During Power Save Mode the converter skips
switching and operates with reduced frequency in PFM mode with a minimum quiescent current to maintain
high efficiency. The converter will position the output voltage typically +1% above the nominal output voltage.
This voltage positioning feature minimizes voltage drops caused by a sudden load step.
The transition from PWM mode to PFM mode occurs once the inductor current in the Low Side MOSFET
switch becomes zero, which indicates discontinuous conduction mode.
During the Power Save Mode the output voltage is monitored with a PFM comparator. As the output voltage
falls below the PFM comparator threshold of VOUT nominal +1%, the device starts a PFM current pulse. For
this the High Side MOSFET switch will turn on and the inductor current ramps up. After the On-time expires,
the switch is turned off and the Low Side MOSFET switch is turned on until the inductor current becomes
zero.
The converter effectively delivers a current to the output capacitor and the load. If the load is below the
delivered current, the output voltage will rise. If the output voltage is equal or higher than the PFM
comparator threshold, the device stops switching and enters a sleep mode with typical 15
µA current
consumption.
If the output voltage is still below the PFM comparator threshold, a sequence of further PFM current pulses
are generated until the PFM comparator threshold is reached. The converter starts switching again once the
output voltage drops below the PFM comparator threshold.
With a fast single threshold comparator, the output voltage ripple during PFM mode operation can be kept
small. The PFM Pulse is time controlled, which allows to modify the charge transferred to the output
capacitor by the value of the inductor. The resulting PFM output voltage ripple and PFM frequency depend in
first order on the size of the output capacitor and the inductor value. Increasing output capacitor values and
inductor values will minimize the output ripple. The PFM frequency decreases with smaller inductor values
and increases with larger values.
The PFM mode is left and PWM mode entered in case the output current can not longer be supported in
PFM mode. The Power Save Mode can be disabled through the MODE pin set to high. The converter will
then operate in fixed frequency PWM mode.
This feature reduces the voltage under/overshoots at load steps from light to heavy load and vice versa. It is
active in Power Save Mode and regulates the output voltage 1% higher than the nominal value. This provides
more headroom for both the voltage drop at a load step, and the voltage increase at a load throw-off.
Copyright © 2007–2008, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): TPS62290 TPS62291 TPS62293



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com